Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS770 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS770
Description  Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS770 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS770 Datasheet HTML 1Page - Allegro MicroSystems ACS770 Datasheet HTML 2Page - Allegro MicroSystems ACS770 Datasheet HTML 3Page - Allegro MicroSystems ACS770 Datasheet HTML 4Page - Allegro MicroSystems ACS770 Datasheet HTML 5Page - Allegro MicroSystems ACS770 Datasheet HTML 6Page - Allegro MicroSystems ACS770 Datasheet HTML 7Page - Allegro MicroSystems ACS770 Datasheet HTML 8Page - Allegro MicroSystems ACS770 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Thermally Enhanced, Fully Integrated, Hall Effect-Based
High Precision Linear Current Sensor IC with 100 µΩ Current Conductor
ACS770xCB
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
conductive path are electrically isolated from the signal leads (pins
1 through 3). This allows the ACS770 family of sensor ICs to be
used in applications requiring electrical isolation without the use of
opto-isolators or other costly isolation techniques.
The device is fully calibrated prior to shipment from the factory.
TheACS770 family is lead (Pb) free.All leads are plated with 100%
matte tin, and there is no Pb inside the package. The heavy gauge
leadframe is made of oxygen-free copper.
Description (continued)
Selection Guide
Part Number1
Package
Primary Sampled
Current , IP
(A)
Sensitivity
Sens (Typ.)
(mV/A)
Current
Directionality
TOP
(°C)
Packing2
Terminals
Signal Pins
ACS770LCB-050B-PFF-T
Formed
Formed
±50
40.
Bidirectional
–40 to 150
34 pieces
per tube
ACS770LCB-050U-PFF-T
Formed
Formed
50
80.
Unidirectional
ACS770LCB-100B-PFF-T
Formed
Formed
±100
20.
Bidirectional
ACS770LCB-100U-PFF-T
Formed
Formed
100
40.
Unidirectional
ACS770LCB-100U-PSF-T
Straight
Formed
100
40.
Unidirectional
ACS770KCB-150B-PFF-T
Formed
Formed
±150
13.3
Bidirectional
–40 to 125
ACS770KCB-150B-PSF-T
Straight
Formed
±150
13.3
Bidirectional
ACS770KCB-150U-PFF-T
Formed
Formed
150
26.7
Unidirectional
ACS770KCB-150U-PSF-T
Straight
Formed
150
26.7
Unidirectional
ACS770ECB-200B-PFF-T
Formed
Formed
±200
10.
Bidirectional
–40 to 85
ACS770ECB-200B-PSF-T
Straight
Formed
±200
10.
Bidirectional
ACS770ECB-200U-PFF-T
Formed
Formed
200
20.
Unidirectional
ACS770ECB-200U-PSF-T
Straight
Formed
200
20.
Unidirectional
1
Additional leadform options available for qualified volumes.
2
Contact Allegro for additional packing options.
• Undervoltage lockout for VCC below specification
• AEC Q-100 automotive qualified
• UL certified, File No. E316429
Features and Benefits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com