Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS780 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS780
Description  High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS780 Datasheet HTML 1Page - Allegro MicroSystems ACS780 Datasheet HTML 2Page - Allegro MicroSystems ACS780 Datasheet HTML 3Page - Allegro MicroSystems ACS780 Datasheet HTML 4Page - Allegro MicroSystems ACS780 Datasheet HTML 5Page - Allegro MicroSystems ACS780 Datasheet HTML 6Page - Allegro MicroSystems ACS780 Datasheet HTML 7Page - Allegro MicroSystems ACS780 Datasheet HTML 8Page - Allegro MicroSystems ACS780 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
path(fromterminal5toterminal6),whichisthepathusedfor
current sampling. The internal resistance of this conductive path is
200µΩtypical,providinglowpowerloss.
The thickness of the copper conductor allows survival of the device
at high overcurrent conditions. The terminals of the conductive path
areelectricallyisolatedfromthesignalleads(pins1through4,and
DESCRIPTION (CONTINUED)
Selection Guide
Part Number
Sensed Current
Direction
Primary Sampled
Current, IP
(A)
Sensitivity
Sens (Typ.)
(mV/A)
TOP
(°C)
Packing1
ACS780LLRTR-050B-T
Bidirectional
±50
40.
–40 to 150
Tape and reel
ACS780LLRTR-050U-T
Unidirectional
0 to 50
60.
ACS780LLRTR-100B-T
Bidirectional
±100
20.
ACS780LLRTR-100U-T
Unidirectional
0 to 100
40.
ACS780KLRTR-150B-T
Bidirectional
±150 transient
±100 continuous
13.33
–40 to 125
ACS780KLRTR-150U-T
Unidirectional
0 to 150 transient
0 to 100 continuous
26.66
1
Contact Allegro for additional packing options.
7), allowing the device to operate safely with voltages up to 100 V
peak on the primary conductor.
The device is fully calibrated prior to shipment from the factory.
The ACS780xLR family is lead (Pb) free. All leads are plated with
100% matte tin, and there is no Pb inside the package. The heavy
gauge leadframe is made of oxygen-free copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com