Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4781 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4781
Description  Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4781 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4781 Datasheet HTML 9Page - National Semiconductor (TI) LM4781 Datasheet HTML 10Page - National Semiconductor (TI) LM4781 Datasheet HTML 11Page - National Semiconductor (TI) LM4781 Datasheet HTML 12Page - National Semiconductor (TI) LM4781 Datasheet HTML 13Page - National Semiconductor (TI) LM4781 Datasheet HTML 14Page - National Semiconductor (TI) LM4781 Datasheet HTML 15Page - National Semiconductor (TI) LM4781 Datasheet HTML 16Page - National Semiconductor (TI) LM4781 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Typical Performance Characteristics (Continued)
Clipping Voltage
vs Supply Voltage
THD+N vs Frequency
± 20V, P
OUT = 1W & 25W,
Chs 1&3 in Bridge Mode (Note17),
R
L =8
Ω, 80kHz BW
200673C5
20067335
THD+N vs Frequency
± 28V, P
OUT = 1W & 35W,
Chs 1&3 in Parallel Mode (Note18),
R
L =4
Ω, 80kHz BW
THD+N vs Frequency
± 24V, P
OUT = 1W & 45W,
All Chs in Parallel Mode (Note18),
R
L =2
Ω, 80kHz BW
20067334
20067342
THD+N vs Output Power
± 20V, Chs 1&3 in Bridge Mode (Note17),
R
L =8
Ω, 80kHz BW
THD+N vs Output Power
± 28V, Chs 1&3 in Parallel Mode (Note18),
R
L =4
Ω, 80kHz BW
20067345
20067337
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com