Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS667 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS667
Description  True Zero-Speed, High Accuracy Gear Tooth Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS667 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS667 Datasheet HTML 1Page - Allegro MicroSystems ATS667 Datasheet HTML 2Page - Allegro MicroSystems ATS667 Datasheet HTML 3Page - Allegro MicroSystems ATS667 Datasheet HTML 4Page - Allegro MicroSystems ATS667 Datasheet HTML 5Page - Allegro MicroSystems ATS667 Datasheet HTML 6Page - Allegro MicroSystems ATS667 Datasheet HTML 7Page - Allegro MicroSystems ATS667 Datasheet HTML 8Page - Allegro MicroSystems ATS667 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS667LSG
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS (continued) Valid over operating voltage and temperature ranges; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit
Switchpoint Characteristics
Operational Speed
SROT
Allegro 60–0 Reference Target
0
–
12000
rpm
Bandwidth
f-3dB
Cutoff frequency for low-pass filter
15
20
–
kHz
Operate Point
BOP
% of peak-to-peak VPROC referenced from
PDAC to NDAC, AG < AGmax, VOUT high to low
–
70
–
%
Release Point
BRP
% of peak-to-peak VPROC referenced from
PDAC to NDAC, AG < AGmax , VOUT low to high
–
30
–
%
Running Mode Lockout Enable (LOE)
VLOE(RM)
VPROC(PK-PK) < VLOE(RM) = output switching
disabled
–
100
–
mV
Running Mode Lockout Release (LOR)
VLOR(RM)
VPROC(PK-PK) < VLOR(RM) = output switching
enabled
–
220
–
mV
1Typical data is at VCC = 12 V and TA = 25°C, unless otherwise noted. Performance may vary for individual units, within the specified maximum and
minimum limits.
2 Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3 Power-On Time is the time required to complete the internal Automatic Offset Adjust; the DACs are then ready for peak acquisition.
41 G (gauss) = 0.1 mT (millitesla).
5The device compensates for magnetic and installation offsets. Offsets greater than specification in gauss may cause inaccuracies in the output.
6For power-on SROT ≤ 200 rpm, edges are sensed target mechanical edges (see figure Definitions of Terms for Switchpoints).
7Operational Air Gap Range is dependent on the available magnetic field. The available field is target geometry and material dependent and should be
independently characterized. The field available from the Allegro 60-0 reference target is given in the reference target parameter section.
8The repeatability specification is based on statistical evaluation of a sample population, evaluated at 1000 Hz. Repeatability is measured at 150°C
because the lowest signal-to-noise ratio for the VPROC signal occurs at elevated temperatures. Therefore, the worst-case repeatability for the device
will also occur at elevated temperatures.
9Single maximum allowable air gap change in outward direction (increase in air gap).
Valley
Tooth
Forward
Reverse
+B
–B
+V
–V
t
BOP(FWD)b
VPROC(BOP)
VPROC(BRP)
BRP(FWD)
BOP %
BRP %
100 %
BOP(REV)b
BRP(REV)
Sensed Edgea
aSensed Edge: leading (rising) mechanical edge in forward rotation, trailing (falling) mechanical edge in reverse rotation
bBOP(FWD) triggers the output transition during forward rotation, and BOP(REV) triggers the output transition during reverse rotation
Definitions of Terms for Switchpoints



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com