Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS685 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS685
Description  Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS685 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS685 Datasheet HTML 1Page - Allegro MicroSystems ATS685 Datasheet HTML 2Page - Allegro MicroSystems ATS685 Datasheet HTML 3Page - Allegro MicroSystems ATS685 Datasheet HTML 4Page - Allegro MicroSystems ATS685 Datasheet HTML 5Page - Allegro MicroSystems ATS685 Datasheet HTML 6Page - Allegro MicroSystems ATS685 Datasheet HTML 7Page - Allegro MicroSystems ATS685 Datasheet HTML 8Page - Allegro MicroSystems ATS685 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Two-Wire, Zero Speed
Differential Gear Tooth Sensor IC
ATS685LSH
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS VCC and TA within specification, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit2
Electrical Characteristics
Supply Voltage3
VCC
Operating, TJ < TJ(max), ICC within specification
4.0
–
24
V
Undervoltage Lockout
VCC(UV)
VCC 0 → 5 V or 5 → 0 V
–
3.5
3.95
V
Reverse Supply Current4
IRCC
VCC = –18 V
–
–
–10
mA
Supply Zener Clamp Voltage
VZ
ICC = ICC(max) + 3 mA, TA = 25°C
28
–
–
V
Supply Zener Current
IZ
TA = 25°C, VCC = 28 V
–
–
19
mA
Supply Current
ICC(Low)
Low-current state
4
6
8
mA
ICC(High)
High-current state
12
14
16
mA
Supply Current Ratio
ICC(High)
/ ICC(Low)
Ratio of high current to low current
1.85
–
3.05
–
Test Pin Zener Clamp Voltage5
VZTEST
–6–
V
Power-On State Characteristics
Power-On Time6
tPO
VCC > VCC(min), fOP < 100 Hz
–
1
2
ms
Power-On State7
POS
t > tPO
–ICC(High)
–A
Output Stage
Output Slew Rate8,9
di / dt
Δi /Δt from 90% to 10% ICC level
RSENSE = 100 Ω, CLOAD = 10 pF, no CBYPASS
7
14
–
mA/μs
Performance Characteristics
Operating Frequency
fOP
0
–
12
kHz
Analog Signal Bandwidth
BW
16
20
–
kHz
Operate Point
BOP
% of peak-to-peak BSIG, AGOP within
specification
–70–
%
Release Point
BRP
% of peak-to-peak BSIG, AGOP within
specification
–30–
%
Running Mode Lockout Enable
Threshold
VLOE(RM)
At peak-to-peak VPROC < VLOE(RM), output
switching disables
–
170
–
mV
Running Mode Lockout Release
Threshold
VLOR(RM)
At peak-to-peak VPROC > VLOR(RM), output
switching enables
–
200
–
mV
Calibration
Start Mode Hysteresis
POHYS
–VLOR(RM)
–mV
Initial Calibration10
CALI
Rising output (current) edges, fOP < 200 Hz
–
–
3
edges
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com