Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY296Z Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BY296Z
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BY296Z Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BY296Z Datasheet HTML 1Page - Diode Semiconductor Korea BY296Z Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
.2
.4
1.0
2
4
10
20
40
100
1
2
4
10
20
40
60
100
TJ=25
f=1MHz
1
0
20
TJ=125
8.3ms Single Half
Sine-Wave
24
10
8
100
40
60 80
10
20
30
40
50
60
70
80
25
0
0
50
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.5
1.0
1.5
2.0
2.5
100
75
125
175
150
0.6
TJ=25
Pulse Width=300
µS
0.04
0.01
0.02
0.06
0.1
0.2
0.4
10
2
1.0
4
100
0.8
1.0
1.2
1.4
2.0
1.6
1.8
REVERSE VOLTAGE,VOLTS
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- MAXIMUM NON-REPETITIVE SURGE CURRENT
BY296(Z)---BY299S(Z)
AMBIENT TEMPERATURE,
I,LEAD LENGTH(mm)
FIG.3 -- TYPICAL JUNCTION CAPACITANCE
FIG.4 -- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com