Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU01Z Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # EU01Z
Description  HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

EU01Z Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  EU01Z Datasheet HTML 1Page - Diode Semiconductor Korea EU01Z Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENTTEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 --TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT60Hz
REVERSE VOLTAGE,VOLTS
EU01Z(Z)---EU01A(Z)
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG.4 -- PEAK FORWARD SURGE CURRENT
SETTIMEBASEFOR10/20 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARDDERATING CURVE
NOTES:1.RISETIME= 7ns MAX.INPUTIMPEDANCE=1M . 22pF. JJJJ
2.RISETIME=10ns MAX.SOURCEIMPEDANCE=50
.
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
trr
-1.0A
-0.25A
0
+0.5A
1cm
0
2 55 0
7 51 0 0
1 2 5
1 5 0
0
0.05
0.01
0.15
0.20
0 .25
Sin g le Ph a s e
Ha lf W a v e 6 0 Hz
R e sis tiv s o r
Indu c tiv e Lo ad
0.4
0
0.001
0.01
0.1
1
TJ=25
Pulse Width=300
µS
0.8
1.2 1.6
2.0 2.4
3.6
2.8
3.2
4
1
5
10
50
0
5
10
15
T J =2 5
8.3m s S in gle H a lf
S in e -W a v e
     TJ=25
1
2
4
10
20
40
60
100
200
0.1 0.2
0.4
1
2
4
10
40
100
20
EUO1Z-EUO1
EUO1A
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com