Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3975-2.5BMM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC3975-2.5BMM
Description  750mA UCap Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3975-2.5BMM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC3975-2.5BMM Datasheet HTML 4Page - Micrel Semiconductor MIC3975-2.5BMM Datasheet HTML 5Page - Micrel Semiconductor MIC3975-2.5BMM Datasheet HTML 6Page - Micrel Semiconductor MIC3975-2.5BMM Datasheet HTML 7Page - Micrel Semiconductor MIC3975-2.5BMM Datasheet HTML 8Page - Micrel Semiconductor MIC3975-2.5BMM Datasheet HTML 9Page - Micrel Semiconductor MIC3975-2.5BMM Datasheet HTML 10Page - Micrel Semiconductor MIC3975-2.5BMM Datasheet HTML 11Page - Micrel Semiconductor MIC3975-2.5BMM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC3975
Micrel
MIC3975
10
February 2003
Adjustable Regulator Design
IN
R1
VOUT
VIN
COUT
R2
EN
OUT
ADJ
GND
MIC3975
ENABLE
SHUTDOWN
V
1.240V 1
R1
R2
OUT =+


Figure 2. Adjustable Regulator with Resistors
The MIC3975 allows programming the output voltage any-
where between 1.24V and the 16V maximum operating rating
of the family. Two resistors are used. Resistors can be quite
large, up to 1M
Ω, because of the very high input impedance
and low bias current of the sense comparator: The resistor
values are calculated by:
R1 R2
V
1.240
1
OUT
=−


Where V
O is the desired output voltage. Figure 2 shows
component definition. Applications with widely varying load
currents may scale the resistors to draw the minimum load
current required for proper operation (see above).
Power MSOP-8 Thermal Characteristics
One of the secrets of the MIC3975’s performance is its power
MSO-8 package featuring half the thermal resistance of a
standard MSO-8 package. Lower thermal resistance means
more output current or higher input voltage for a given
package size.
Lower thermal resistance is achieved by joining the four
ground leads with the die attach paddle to create a single-
piece electrical and thermal conductor. This concept has
been used by MOSFET manufacturers for years, proving
very reliable and cost effective for the user.
Thermal resistance consists of two main elements,
θ
JC
(junction-to-case thermal resistance) and
θ
CA (case-to-ambi-
ent thermal resistance). See Figure 3.
θ
JC is the resistance
from the die to the leads of the package.
θ
CA is the resistance
from the leads to the ambient air and it includes
θ
CS (case-to-
sink thermal resistance) and
θ
SA (sink-to-ambient thermal
resistance).
Using the power MSOP-8 reduces the
θ
JC dramatically and
allows the user to reduce
θ
CA. The total thermal resistance,
θ
JA (junction-to-ambient thermal resistance) is the limiting
factor in calculating the maximum power dissipation capabil-
ity of the device. Typically, the power MSOP-8 has a
θ
JA of
80
°C/W, this is significantly lower than the standard MSOP-8
which is typically 160
°C/W. θ
CA is reduced because pins 5
through 8 can now be soldered directly to a ground plane
which significantly reduces the case-to-sink thermal resis-
tance and sink to ambient thermal resistance.
Low-dropout linear regulators from Micrel are rated to a
maximum junction temperature of 125
°C. It is important not
to exceed this maximum junction temperature during opera-
tion of the device. To prevent this maximum junction tempera-
ture from being exceeded, the appropriate ground plane heat
sink must be used.
θ
JA
θ
JC
θ
CA
printed circuit board
ground plane
heat sink area
MSOP-8
AMBIENT
Figure 3. Thermal Resistance
Figure 4 shows copper area versus power dissipation with
each trace corresponding to a different temperature rise
above ambient.
From these curves, the minimum area of copper necessary
for the part to operate safely can be determined. The maxi-
mum allowable temperature rise must be calculated to deter-
mine operation along which curve.
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
Figure 4. Copper Area vs. Power-MSOP
Power Dissipation (
∆∆∆∆∆T
JA)
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
85
°C
50
°C 25°C
T
J
= 125
°C
Figure 5. Copper Area vs. Power-MSOP
Power Dissipation (T
A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com