Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA621 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA621
Description  OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA621 Datasheet(HTML) 2 Page - Texas Instruments

  OPA621 Datasheet HTML 1Page - Texas Instruments OPA621 Datasheet HTML 2Page - Texas Instruments OPA621 Datasheet HTML 3Page - Texas Instruments OPA621 Datasheet HTML 4Page - Texas Instruments OPA621 Datasheet HTML 5Page - Texas Instruments OPA621 Datasheet HTML 6Page - Texas Instruments OPA621 Datasheet HTML 7Page - Texas Instruments OPA621 Datasheet HTML 8Page - Texas Instruments OPA621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
®
OPA621
2
OPA621KP, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT NOISE
Voltage: fO = 100Hz
RS = 0Ω
10
nV/
√Hz
fO = 1kHz
5.5
nV/
√Hz
fO = 10kHz
3.3
nV/
√Hz
fO = 100kHz
2.5
nV/
√Hz
fO = 1MHz to 100MHz
2.3
nV/
√Hz
fB = 100Hz to 10MHz
8.0
µV, rms
Current: fO = 10kHz to 100MHz
2.3
pA/
√Hz
OFFSET VOLTAGE(1)
Input Offset Voltage
VCM = 0VDC
±200
±1mV
µV
Average Drift
TA = TMIN to TMAX
±12
µV/°C
Supply Rejection
±V
CC = 4.5V to 5.5V
50
60
dB
BIAS CURRENT
Input Bias Current
VCM = 0VDC
18
30
µA
OFFSET CURRENT
Input Offset Current
VCM = 0VDC
0.2
2
µA
INPUT IMPEDANCE
Differential
Open-Loop
15 || 1
k
Ω || pF
Common-Mode
1 || 1
M
Ω || pF
INPUT VOLTAGE RANGE
Common-Mode Input Range
±3.0
±3.5
V
Common-Mode Rejection
VIN = ±2.5VDC, VO = 0VDC
65
75
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL = 100Ω
50
60
dB
RL = 50Ω
48
58
dB
FREQUENCY RESPONSE
Closed-Loop Bandwidth
(–3dB)
Gain = +2V/V
500
MHz
Gain = +5V/V
100
MHz
Gain = +10V/V
50
MHz
Gain-Bandwidth Product
Gain
≥ +10V/V
500
MHz
Differential Gain
3.58MHz, G = +2V/V
0.05
%
Differential Phase
3.58MHz, G = +2V/V
0.05
Degrees
Harmonic Distortion
G = +2V/V, f = 10MHz, VO = 2Vp-p
f = 10MHz, Second Harmonic
–62
–50
dBc(3)
Third Harmonic
–80
–70
dBc
Full Power Bandwidth
VO = 5Vp-p, Gain = +2V/V
22
32
MHz
VO = 2Vp-p, Gain = +2V/V
55
80
MHz
Slew Rate
2V Step, Gain = –2V/V
350
500
V/
µs
Overshoot
2V Step, Gain = –2V/V
15
%
Settling Time: 0.1%
2V Step, Gain = –2V/V
15
ns
0.01%
25
ns
Phase Margin
Gain = +2V/V
50
Degrees
Rise Time
Gain = +2V/V, 10% to 90%
VO = 100mVp-p; Small Signal
1.8
ns
VO = 6Vp-p; Large Signal
8
ns
RATED OUTPUT
Voltage Output
RL = 100Ω±3.0
±3.5
V
RL = 50Ω±2.5
±3.0
V
Output Resistance
1MHz, Gain = +2V/V
0.015
Ω
Load Capacitance Stability
Gain = +2V/V
15
pF
Short Circuit Current
Continuous
±150
mA
POWER SUPPLY
Rated Voltage
±V
CC
5
VDC
Derated Performance
±V
CC
4.0
6.0
VDC
Current, Quiescent
IO = 0mA
26
28
mA
TEMPERATURE RANGE
Specification: KP, KU
Ambient Temperature
–40
+85
°C
Operating: KP, KU
–40
+85
°C
θ
JA
KP
100
°C/W
KU
125
°C/W
SPECIFICATIONS
ELECTRICAL
At VCC = ±5VDC, RL = 100Ω, and TA = +25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com