Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA622AP Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA622AP
Description  OPERATIONAL AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA622AP Datasheet(HTML) 2 Page - Texas Instruments

  OPA622AP Datasheet HTML 1Page - Texas Instruments OPA622AP Datasheet HTML 2Page - Texas Instruments OPA622AP Datasheet HTML 3Page - Texas Instruments OPA622AP Datasheet HTML 4Page - Texas Instruments OPA622AP Datasheet HTML 5Page - Texas Instruments OPA622AP Datasheet HTML 6Page - Texas Instruments OPA622AP Datasheet HTML 7Page - Texas Instruments OPA622AP Datasheet HTML 8Page - Texas Instruments OPA622AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
OPA622
2
®
SPECIFICATIONS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
DC-SPECIFICATION
VOLTAGE-FEEDBACK AMPLIFIER (Figure 5)
At VCC = ±5V, IQ = ±5mA, GCL = +2V/V, RLOAD = 100Ω, RSOURCE = 50Ω, RQ = 430Ω, ROG = 150Ω and TA = +25°C, unless otherwise specified.
Power Supply Voltage .........................................................................
±6V
Input Voltage(1) ....................................................................
±V
CC to ±0.7V
Operating Temperature ..................................................... –40
°C to +85°C
Storage Temperature ...................................................... –40
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
DESCRIPTION
NUMBER(1)
OPA622AP
14-Pin Plastic DIP
010
OPA622AU
SO-14 Surface-Mount
235
NOTE:(1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
ABSOLUTE MAXIMUM RATINGS
NOTE: (1) Inputs are internally diode-clamped to
±V
CC.
ORDERING INFORMATION
MODEL
DESCRIPTION
TEMPERATURE RANGE
OPA622AP
14-Pin Plastic DIP
–40
°C to +85°C
OPA622AU
SO-14 Surface-Mount
–40
°C to +85°C
OPA622AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CLOSED-LOOP OUTPUT OFFSET VOLTAGE
Initial
1
±15
mV
vs Temperature
210
µV/°C
vs Supply (tracking)
VCC = ±4.5V to ±5.5V
–46
–50
dB
vs Supply (non-tracking)
VCC = +4.5V to +5.5V
–43
dB
vs Supply (non-tracking)
VCC = –4.5V to –5.5V
–51
dB
INPUT BIAS CURRENT
Initial
–1.2
±4
µA
vs Temperature
7
nA/
°C
vs Supply (tracking)
VCC = ±4.5V to ±5.5V
29
nA/V
vs Supply (non-tracking)
VCC = +4.5V to +5.5V
170
nA/V
vs Supply (non-tracking)
VCC = –4.5V to –5.5V
58
nA/V
OFFSET CURRENT
Input Offset Current
VCM = 0V
0.1
µA
INPUT IMPEDANCE
Differential Mode
2.4 || 1
M
Ω || pF
INPUT NOISE
Voltage Noise Density
f = 100kHz to 100MHz
11
nV/
√MHz
Signal-to-Noise Ratio
S/N = 20 log 0.7/(VN • √5MHz)
89
dB
INPUT VOLTAGE RANGE
Common-Mode Input Range
±3.2
V
Common-Mode Rejection
VI = +2.5V, VO = 0V
78
dB
RATED OUTPUT
GCL = +1
Voltage Output
±3
±3.2
V
Closed-Loop Output Impedance
0.2
Ω
Current Output
70
mA
POWER SUPPLY
Rated Voltage
±5V
Derated Performance
±4.5
±5.5
V
Quiescent Current
RQ = 430Ω, IO = 0mA
±4.4
±5
±5.6
mA
Quiescent Current (programmable)
Useful Range, IO = 0mA
3 to 8
mA
TEMPERATURE
Operating
Ambient Temperature
–40
85
°C
Storage
Ambient Temperature
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com