Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA620SP Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA620SP
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA620SP Datasheet(HTML) 2 Page - Texas Instruments

  OPA620SP Datasheet HTML 1Page - Texas Instruments OPA620SP Datasheet HTML 2Page - Texas Instruments OPA620SP Datasheet HTML 3Page - Texas Instruments OPA620SP Datasheet HTML 4Page - Texas Instruments OPA620SP Datasheet HTML 5Page - Texas Instruments OPA620SP Datasheet HTML 6Page - Texas Instruments OPA620SP Datasheet HTML 7Page - Texas Instruments OPA620SP Datasheet HTML 8Page - Texas Instruments OPA620SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
®
OPA620
2
OPA620KP, KU
OPA620SG
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT NOISE
Voltage: fO = 100Hz
RS = 0Ω
10
T
nV/
√Hz
fO = 1kHz
5.5
T
nV/
√Hz
fO = 10kHz
3.3
T
nV/
√Hz
fO = 100kHz
2.5
T
nV/
√Hz
fO = 1MHz to 100MHz
2.3
T
nV/
√Hz
fB = 100Hz to 10MHz
8.0
T
µVrms
Current: fO = 10kHz to 100MHz
2.3
T
pA/
√Hz
OFFSET VOLTAGE(1)
Input Offset Voltage
VCM = 0VDC
±200
±1000
TT
µV
Average Drift
TA = TMIN to TMAX
±8
T
µV/°C
Supply Rejection
±V
CC = 4.5V to 5.5V
50
60
TT
dB
BIAS CURRENT
Input Bias Current
VCM = 0VDC
15
30
TT
µA
OFFSET CURRENT
Input Offset Current
VCM = 0VDC
0.2
2
TT
µA
INPUT IMPEDANCE
Differential
Open-Loop
15 || 1
T
k
Ω || pF
Common-Mode
1 || 1
T
M
Ω || pF
INPUT VOLTAGE RANGE
Common-Mode Input Range
±3.0
±3.5
TT
V
Common-Mode Rejection
VIN = ±2.5VDC, VO = 0VDC
65
75
TT
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL = 100Ω
50
60
TT
dB
RL = 50Ω
48
58
TT
dB
FREQUENCY RESPONSE
Closed-Loop Bandwidth
Gain = +1V/V
300
T
MHz
(–3dB)
Gain = +2V/V
100
T
MHz
Gain = +5V/V
40
T
MHz
Gain = +10V/V
20
T
MHz
Gain-Bandwidth Product
Gain
≥ +5V/V
200
T
MHz
Differential Gain
3.58MHz, G = +1V/V
0.05
T
%
Differential Phase
3.58MHz, G = +1V/V
0.05
T
Degrees
Harmonic Distortion(2)
G = +2V/V, f = 10MHz, VO = 2Vp-p
Second Harmonic
–61
–50
TT
dBc(3)
Third Harmonic
–65
–55
TT
dBc
Full Power Bandwidth(2)
VO = 5Vp-p, Gain = +1V/V
11
16
TT
MHz
VO = 2Vp-p, Gain = +1V/V
27
40
TT
MHz
Slew Rate(2)
2V Step, Gain = –1V/V
175
250
TT
V/
µs
Overshoot
2V Step, Gain = –1V/V
10
T
%
Settling Time: 0.1%
2V Step, Gain = –1V/V
13
T
ns
0.01%
25
T
ns
Phase Margin
Gain = +1V/V
60
T
Degrees
Rise Time
Gain = +1V/V, 10% to 90%
VO = 100mVp-p; Small Signal
2
T
ns
VO = 6Vp-p; Large Signal
22
T
ns
RATED OUTPUT
Voltage Output
RL = 100Ω±3.0
±3.5
TT
V
RL = 50Ω±2.5
±3.0
TT
V
Output Resistance
1MHz, Gain = +1V/V
0.015
T
Ω
Load Capacitance Stability
Gain = +1V/V
20
T
pF
Short Circuit Current
Continuous
±150
T
mA
POWER SUPPLY
Rated Voltage
±V
CC
5
T
VDC
Derated Performance
±V
CC
4.0
6.0
TT
VDC
Current, Quiescent
IO = 0mA
21
23
TT
mA
TEMPERATURE RANGE
Specification: KP, KU
Ambient Temperature
–40
+85
TT
°C
SG
–55
+125
°C
Operating: SG
Ambient Temperature
–55
+125
°C
KP, KU
–40
+85
°C
θ
JA:SG
125
°C/W
KP
90
°C/W
KU
100
°C/W
ELECTRICAL
At VCC = ±5VDC, RL = 100Ω, and TA = +25°C, unless otherwise noted.
SPECIFICATIONS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or
licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support
devices and/or systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com