Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA698ID Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698ID
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698ID Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA698ID Datasheet HTML 17Page - Texas Instruments OPA698ID Datasheet HTML 18Page - Texas Instruments OPA698ID Datasheet HTML 19Page - Texas Instruments OPA698ID Datasheet HTML 20Page - Texas Instruments OPA698ID Datasheet HTML 21Page - Texas Instruments OPA698ID Datasheet HTML 22Page - Texas Instruments OPA698ID Datasheet HTML 23Page - Texas Instruments OPA698ID Datasheet HTML 24Page - Texas Instruments OPA698ID Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
OPA698
21
SBOS258B
www.ti.com
excellent limiter accuracy at any signal gain. The limiters
have a very sharp transition from the linear region of opera-
tion to output limiting. This transition allows the limiter volt-
ages to be set very near (< 100mV) the desired signal range.
The distortion performance is also very good near the limiter
voltages.
OUTPUT LIMITERS
The output voltage is linearly dependent on the input(s) when
it is between the limiter voltages VH (pin 8) and VL (pin 5).
When the output tries to exceed VH or VL, the corresponding
limiter buffer takes control of the output voltage and holds it
at VH or VL. Because the limiters act on the output, their
accuracy does not change with gain. The transition from the
linear region of operation to output limiting is very sharp—the
desired output signal can safely come to within 30mV of VH
or VL with no onset of non-linearity. The limiter voltages
can be set to within 0.7V of the supplies (VL ≥ –VS + 0.7V,
VH ≤ +VS – 0.7V). They must also be at least 400mV apart
(VH – VL ≥ 0.4V). When pins 5 and 8 are left open, VH and
VL go to the default voltage limit; the minimum values are
given in the electrical specifications. Looking at Figure 20 for
the zero bias current case shows the expected range of
(VS – default limit voltages) = headroom.
limits errors due to IVH and IVL < ±1% of the target limit
voltages. The limiters’ DC accuracy depends on attention to
detail. The two dominant error sources can be improved as
follows:
• Power supplies, when used to drive resistive dividers that
set VH and VL, can contribute large errors (for example,
±5%). Using a more accurate source, and bypassing pins
5 and 8 with good capacitors, will improve limiter PSRR.
• The resistor tolerances in the resistive divider can also
dominate. Use 1% resistors.
Other error sources also contribute, but should have little
impact on the limiters’ DC accuracy:
• Reduce offsets caused by the Limiter Input Bias Currents.
Select the resistors in the resistive divider(s) as described
above.
• Consider the signal path DC errors as contributing to
uncertainty in the useable output swing.
• The limiter offset voltage only slightly degrades limiter
accuracy. Figure 21 shows how the limiters affect distor-
tion performance. Virtually no degradation in linearity is
observed for output voltage swinging right up to the limiter
voltages.
Limiter Headroom (V)
0
0.5
2
1.5
1
2.5
100
75
50
25
0
–25
–50
–75
–100
Maximum Over Temperature
Minimum
Over Temperature
Limiter Headroom = +V
S – VH
= V
L – (–VS)
Current = I
VH or –IVL
FIGURE 20. Limiter Bias Current vs Bias Voltage.
When the limiter voltages are more than 2.1V from the
supplies (VL ≥ –VS + 2.1V or VH ≤ +VS – 2.1V), you can use
simple resistor dividers to set VH and VL (see Figure 1). Make
sure to include the limiter input bias currents (Figure 8) in the
calculations (that is, IVL = –50µA out of pin 5, and IVH = +50µA
out of pin 8). For good limiter voltage accuracy, run at least
1mA quiescent bias current through these resistors. When
the limiter voltages need to be within 2.1V of the supplies (VL
≤ –V
S + 2.1V or VH ≥ +VS – 2.1V), consider using low
impedance buffers to set VH and VL to minimize errors due
to bias current uncertainty. This condition will typically be the
case for single-supply operation (VS = +5V). Figure 2 runs
2.5mA through the resistive divider that sets VH and VL. This
OUTPUT DRIVE
The OPA698 has been optimized to drive 500
Ω loads, such
as ADCs. It still performs very well driving 100
Ω loads; the
specifications are shown for the 500
Ω load. This makes the
OPA698 an ideal choice for a wide range of high-frequency
applications.
Many high-speed applications, such as driving ADCs, require
op amps with low output impedance. As shown in the typical
performance curve
Output Impedance vs Frequency, the
OPA698 maintains very low closed-loop output impedance
over frequency. Closed-loop output impedance increases
with frequency, since loop gain decreases with frequency.
± Limit Voltage (V)
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7 1.8
1.9
2
–40
–50
–60
–70
–80
–90
3rd-Harmonic
2nd-Harmonic
V
O = 0VDC ± 1VP
f = 5MHz
R
L = 500Ω
FIGURE 21. Harmonic Distortion Near Limit Voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com