Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA680 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA680
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA680 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA680 Datasheet HTML 9Page - Texas Instruments OPA680 Datasheet HTML 10Page - Texas Instruments OPA680 Datasheet HTML 11Page - Texas Instruments OPA680 Datasheet HTML 12Page - Texas Instruments OPA680 Datasheet HTML 13Page - Texas Instruments OPA680 Datasheet HTML 14Page - Texas Instruments OPA680 Datasheet HTML 15Page - Texas Instruments OPA680 Datasheet HTML 16Page - Texas Instruments OPA680 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
OPA690
13
SBOS223A
www.ti.com
DC gain for this circuit is equal to RF. At high frequencies,
the DAC output capacitance will produce a zero in the noise
gain for the OPA690 that may cause peaking in the closed-
loop frequency response. CF is added across RF to compen-
sate for this noise gain peaking. To achieve a flat
transimpedance frequency response, the pole in the feed-
back network should be set to:
12
4
//
ππ
RC
GBP
RC
FF
FD
=
which will give a closed-loop transimpedance bandwidth
f–3dB, of approximately:
f
GBP
R C
dB
F
D
–
/
3
2
=π
HIGH POWER LINE DRIVER
The large output swing capability of the OPA690 and its high
current capability allows it to drive a 50
Ω line with a peak-to-
peak signal up to 4Vp-p at the load, or 8Vp-p at the output
FIGURE 6. High Power Coax Line Driver.
FIGURE 5. DAC Transimpedance Amplifier.
of the amplifier using a single 12V supply. Figure 6 shows
such a circuit set for a gain of 8 to the output or 4 to the load.
The 5pF capacitor in the feedback loop provides added
bandwidth control for the signal path.
SINGLE-SUPPLY ACTIVE FILTERS
The high bandwidth provided by the OPA690, while operat-
ing on a single +5V supply, lends itself well to high-frequency
active filter designs. Again, the key additional requirement is
to establish the DC operating point of the signal near the
supply midpoint for highest dynamic range. Figure 7 shows
an example design of a 5MHz low-pass Butterworth filter
using the Sallen-Key topology.
Both the input signal and the gain setting resistor are AC-
coupled using 0.1
µF blocking capacitors (actually giving
bandpass response with the low-frequency pole set to 32kHz
for the component values shown). As discussed for Figure 2,
this allows the midpoint bias formed by the two 1.87k
Ω
resistors to appear at both the input and output pins. The
FIGURE 7. Single-Supply, High-Frequency Active Filter.
OPA690
High-Speed
DAC
V
O = IO RF
R
F
C
F
GBP
→ Gain Bandwidth
Product (Hz) for the OPA690
C
D
I
O
I
O
50
Ω
OPA690
2k
Ω
2k
Ω
0.1
µF
400
Ω
50
Ω
50
Ω
+12V
5pF
1Vp-p
50
Ω
Source
8Vp-p
4Vp-p
50
Ω
Load
OPA690
1.5k
Ω
432
Ω
137
Ω
500
Ω
1.87k
Ω
1.87k
Ω
V
I
+5V
DIS
0.1
µF
150pF
0.1
µF
100pF
4V
I
5MHz, 2nd-Order
Butterworth Filter
Frequency (Hz)
5MHz, 2nd-Order Butterworth Filter Response
100k
1M
10M
15
10
5
0
–5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com