Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDA-12-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # MDA-12-R
Description  1/4? x 1 1/4? Ceramic Tube Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MDA-12-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  MDA-12-R Datasheet HTML 1Page - Cooper Bussmann, Inc. MDA-12-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
/4˝ x 1 1/4˝ Ceramic Tube Fuses
MDA Series,
Time-Delay
0709
SB-BU09312
Page 1 of 2
Data Sheet 2002
Description
• Time-delay
• Optional axial leads available
• 1/4˝ x 1-1/4˝ (6.35 x 31.75mm) physical size
• Ceramic tube, nickel-plated brass endcap construction
• UL Listed product meets standard 248-14
Agency Information
• UL Listed Card: MDA 2/10 - 20A (Guide JDYX,
File E19180)
• UL Recognized Card: MDA 25 - 30A (Guide JDYX2,
File E19180)
• CSA Certification Card: MDA 2/10 - 20
(Class No. 1422-01)
• CSA Component Acceptance: MDA 25-30A
(Class No. 1422-30)
Environmental Data
• Shock: 1/100A and 8/10A – MIL-STD-202,
Method 213, Test Condition I;
1A thru 30A – MIL-STD-202, Method 213,
Test Condition J
• Vibration: 1/100A and 8/10A – MIL-STD-202,
Method 201; 1/4A thru 30A – MIL-STD-202,
Method 204, Test Condition C (Except 5g, 500HZ)
Dimensions - mm (in)
Drawing Not to Scale
SPECIFICATIONS
Part
Voltage
AC Interrupting
DC Interrupting
Typical DC Cold
Typical
Typical
Number
Rating
Rating* (amps)
Rating (amps)
Resistance**
Melting I2t†
Voltage
Vac
Vdc
250V
125V
125V
(
Ω
Ω)
AC
Drop‡
MDA-1/4-R
250
-
35
10000
-
9.325
0.748
4.00
MDA-1/2-R
250
-
35
10000
-
1.925
2.53
1.42
MDA-3/4-R
250
-
35
10000
-
0.8555
8.58
1.31
MDA-1-R
250
-
35
10000
-
0.560
12.21
1.03
MDA-1-1/2-R
250
-
100
10000
-
0.2585
27.5
0.691
MDA-2-R
250
-
100
10000
-
0.170
70.4
0.623
MDA-2-1/2-R
250
-
200
10000
-
0.06685
31.79
0.213
MDA-3-R
250
-
200
10000
-
0.05350
44.99
0.182
MDA-4-R
250
-
200
10000
-
0.03625
147.4
0.162
MDA-5-R
250
-
200
10000
-
0.02610
380.49
0.145
MDA-6-R
250
-
200
10000
-
0.02120
587.73
0.141
MDA-7-R
250
-
200
10000
-
0.01690
638.33
0.137
MDA-8-R
250
-
200
10000
-
0.01350
1038.4
0.134
MDA-10-R
250
-
200
10000
-
0.00948
1620.43
0.135
MDA-12-R
250
-
750
10000
-
0.00725
125.18
0.128
MDA-15-R
250
-
750
10000
-
0.00553
336.82
0.107
MDA-20-R
250
125
1500
10000
10000
0.00400
483.45
0.095
MDA-25A-R
250
125
1500
10000
10000
0.00305
734.69
0.105
MDA-30A-R
250
125
1500
10000
10000
0.00243
1096.7
0.110
* Interrupting Ratings (Measured at 70% - 80% power factor on AC. The interrupting ratings for 25Amp, 30Amp were measured at 90% - 100% power factor on AC)
** DC Cold Resistance (Measured at ≤10% of rated current)
† Typical Melting I2t (A2Sec) (I2t was measured at listed interrupting rating and rated voltage)
‡ Typical Voltage Drop (Voltage drop was measured at 25°C ambient temperature at rated current)
Electrical Characteristics
Rated Current
Amp Rating
Opening Time
100%
None
1/4 - 30A
135%
60 Minutes Max.
200%
120 Seconds Max.
Ordering
• Specify packaging, product, and option code
38.10
(1.500)
32.82
(1.292)
38.10
(1.500)
6.76
(0.266)
31.75
(1.250)
6.35
(0.250)
DIA. OF LEADS
0–15 AMP:
20–30 AMP:
0.81
(0.032)
1.02
(0.040)


Similar Part No. - MDA-12-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MDA-12-R EATON-MDA-12-R Datasheet
344Kb / 2P
Time-delay ceramic tube fuses
More results

Similar Description - MDA-12-R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFC2QB100 DUBILIER-DBCFC2QB100 Datasheet
94Kb / 1P
FUSES 1 x CERAMIC FUSES - QUICK BLOW 1/4 1/4
DBCFG2TD100 DUBILIER-DBCFG2TD100 Datasheet
96Kb / 1P
FUSES 1 1/4 x 1/4 GLASS FUSES - QUICK BLOW
logo
Cooper Bussmann, Inc.
MDL-20 COOPER-MDL-20 Datasheet
267Kb / 2P
1/4 x 1 1/4 Time-Delay, Glass Tube Fuses
BKAGC-2 COOPER-BKAGC-2 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1?? Glass Tube Fuses
AGC-V-4 COOPER-AGC-V-4 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1/4 Glass Tube Fuses AGC Series
ABC-10A COOPER-ABC-10A Datasheet
279Kb / 2P
1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
AGC EATON-AGC Datasheet
492Kb / 2P
1/4??x 1 1????Fast-acting glass tube fuses
ABC EATON-ABC Datasheet
260Kb / 2P
1????x 1 1????Fast-acting ceramic tube fuses
AGX EATON-AGX Datasheet
409Kb / 2P
1/4??x 1??Fast-acting glass tube fuses
MDL EATON-MDL Datasheet
288Kb / 2P
1/4??x 1 1/4??Time-delay glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com