Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7313S Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC7313S
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7313S Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC7313S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7313S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7313S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7313S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7313S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7313S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7313S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7313S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7313S Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Silan
Semiconductors
SC7313
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2002.02.26
5
TYPICAL CHARACTERISTICS PERFORMANCE
Fig.1 Loudness vs. Volume
Attention
Volume Attention (dB)
0
1020
3040
50
0
5
10
15
20
Fig.2 Loudness vs. Frequency vs.
volume Attenuation
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
Fig.3 Loudness vs. External
Capacitors
-40
-30
-20
-10
10
100
1k
10k
100k
Frequency (Hz)
OPEN
10nF
56nF
100nF
220nF
Shorted to VREF
Volume (dB)
Fig.4 Noise vs.Volume/Gain
settings
-80
-60
-40
0
-20
1
3
10
22Hz ~ 22kHz
ACurve
Fig.5 Signal to Noise Ratio
vs.Volume settings
Volume (dB)
-60
-40
-20
0
20
1
10
100
1k
10k
100k
1V
-80
VIN=1V
VIN=316V
S/N=106dB
S/N=76dB
Frequency (dB)
100
1k
10k
100k
10
10
-3
10
-2
10
-1
1
Fig.6 Distortion & Noise vs.
Frequency
VIN=1Vrms
AV=0dB
All controls Flat
Volume=-20dB
Volume=0dB
Frequency (dB)
100
1k
10k
100k
10
10
-3
10
-2
10
-1
1
Fig.7 Distortion & Noise vs.
Frequency
VIN=250mVrms
AV=0dB
All controls Flat
Volume=-20dB
Volume=0dB
Fig.8 Distortion vs. Load
Resistance
Load Resistance (k
Ω)
0.1
1
10
-1
10
-2
Fig.9 Channel Separation(L
→R) vs.
Frequency
10
1
10
2
10
3
10
4
70
80
90
100
110
Frequency (Hz)
VIN=1Vrms
AV=0dB
All controls Flat
CLOUD=100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com