Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS-R-75 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FRS-R-75
Description  Fusetron??600V Class RK5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRS-R-75 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FRS-R-75 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRS-R-75 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRS-R-75 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Eaton.com/bussmannseries
TechnicalData1018
Effective May 2016
Fusetron™ 600 V Class RK5
FRS-R — 600 Vac/300 Vdc, 65-600 A,
dual element, time-delay fuses
Recommended fuse blocks
Fuse amps
1-Pole
2-Pole
3-Pole
70-100
RM60100-1CR
RM60100-2CR
RM60100-3CR
110-200
RM60200-1CR
RM60200-2CR
RM60200-3CR
225-400
RM60400-1CR
RM60400-2CR
RM60400-3CR
450-600
RM60600-1CR
RM60600-2CR
RM60100-3CR
For additional information on the RM600 volt fuse blocks, see data sheet
No. 10489.
Fuse reducers for class R fuses
Equipment
fuse clips
Desired fuse
(case) size
Catalog numbers
(pairs) 600 V
200 A
100 A
NO.2621-R
400 A
100 A
NO.2641-R
200 A
NO.642-R
100 A
NO.2661-R
600 A
200 A
NO.2662-R
400 A
NO.2664-R†
†
Single reducer only (pair not required).
For additional information on Class R fuse reducers, see data
sheet No. 1118.
Prosp.
S.C.C.
Let-through current
(apparent RMS symmetrical vs. fuse rating)
100A
200A
400A
600A
5000
3000
4000
5000
5000
10,000
4000
5000
9000
10,000
15,000
4000
6000
10,000
14,000
20,000
5000
7000
11,000
15,000
25,000
5000
7000
12,000
17,000
30,000
5000
8000
13,000
18,000
35,000
5000
8000
13,000
18,000
40,000
6000
9000
14,000
19,000
50,000
6000
9000
14,000
20,000
60,000
6000
10,000
15,000
22,000
70,000
7000
11,000
17,000
23,000
80,000
7000
12,000
17,000
23,000
90,000
7000
12,000
17,000
24,000
100,000
8000
13,000
18,000
25,000
150,000
9000
14,000
21,000
27,000
200,000
9000
16,000
23,000
32,000
400000
9000
8000
7000
6000
300000
200000
100000
5000
4000
90000
3000
2000
1000
80000
70000
60000
B
A
50000
40000
30000
20000
10000
600A
400A
200A
100A
Prospective short-circuit current - symmetrical RMS amps
0.1
1
10
100
300
0.01
RMS symmetrical current in amps
Amp rating
Time-current curves - average melt
Current-Limitation curves
Current-limiting effects



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com