Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JJS-45 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # JJS-45
Description  JJS ??600Vac, 1-800A, Fast-Acting Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

JJS-45 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  JJS-45 Datasheet HTML 1Page - Cooper Bussmann, Inc. JJS-45 Datasheet HTML 2Page - Cooper Bussmann, Inc. JJS-45 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0615
BU-SB13737
Page 1 of 3
Data Sheet # 1029
LIMITRON™ 600V Class T
JJS — 600Vac, 1-800A, Fast-Acting Fuses
Description: Advanced protection Class T current-limiting,
fast-acting fuses.
Catalog Symbol: JJS-(amp)
Ratings:
Volts — 600Vac
Amps — 1-800A
IR — 200kA Vac RMS Sym.
Agency Information:
CE, UL Listed, Std. 248-15, Class T, Guide JDDZ, File E4273
CSA Certified, C22.2 No. 248.15, Class 1422-02, File 53787
Catalog Numbers (amps)
JJS-1
JJS-45
JJS-200
JJS-2
JJS-50
JJS-225
JJS-3
JJS-60
JJS-250
JJS-6
JJS-70
JJS-300
JJS-10
JJS-80
JJS-350
JJS-15
JJS-90
JJS-400
JJS-20
JJS-100
JJS-450
JJS-25
JJS-110
JJS-500
JJS-30
JJS-125
JJS-600
JJS-35
JJS-150
JJS-800
JJS-40
JJS-175
Carton Quantity:
Amp Rating
Carton Qty.
1–60
10
70–100
5
110–800
1
Dimensions – in
Features:
• Provides 10X better current limitation to help prevent
equipment damage caused by short-circuit events.
• 200kA Interrupting rating complies with NEC® Section 110.9
for today's large capacity systems.
• Fast-acting fuse helps prevent equipment damage caused
by short-circuit events.
• Small, space-saving fuses provide a high degree of current
limitation on short-circuits for excellent component
protection.
• Ideal for critical industrial or commercial applications that
have specific current limitation requirements.
Recommended Fuse Blocks
Amps Rating
1-Pole
2-Pole
3-Pole
1-30
T60030-1_
T60030-2_
T60030-3_
35-60
T60060-1_
T60060-2_
T60060-3_
70-100
T60100-1_
T60100-2_
T60100-3_
110-200
T60200-1_
—
1B0089
2225-400
T60400-1_
——
450-600
T60600-1_
——
For additional information on the 600 volt Class T fuse blocks,
see Data Sheet # 1116.
3.98"
2.95"
1.78"
1.25"
450 to 600A
3.63"
2.72"
1.73"
1"
225 to 400A
601 to 800A
4.33"
3.17"
1.88"
1.75"
0.88"
3.25"
2.5"
1.66"
100 to 200A
Dia. 0.56"
1 to 30A
1.5"
Dia. 0.81"
0.75"
2.95"
2.36"
1.64"
70 to 100A
Ø 0.344"
Ø 0.563"
Ø 0.484"
Ø 0.406"
Ø 0.281"
35 to 60A
1.56"
1.00"


Similar Part No. - JJS-45

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
JJS-45 EATON-JJS-45 Datasheet
1Mb / 4P
JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
JJS-450 EATON-JJS-450 Datasheet
1Mb / 4P
JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
More results

Similar Description - JJS-45

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JJS-70 COOPER-JJS-70 Datasheet
291Kb / 3P
LIMITRON??600V Class T JJS ??600Vac, 1-800A, Fast-Acting Fuses
KLM-8 COOPER-KLM-8 Datasheet
391Kb / 2P
13/32x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTS-R-6 COOPER-KTS-R-6 Datasheet
217Kb / 3P
KTS-R-600Vac, 1-600A, Fast-Acting Fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
JJS-60 COOPER-JJS-60 Datasheet
291Kb / 3P
JJS - 600Vac, 1-800A, Fast-Acting Fuses
JJS-40 COOPER-JJS-40 Datasheet
291Kb / 3P
JJS 600Vac, 1-800A, Fast-Acting Fuses
JKS-70 COOPER-JKS-70 Datasheet
219Kb / 3P
JKS ??600Vac, 70-600A, Fast-Acting Fuses
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
JKS ??600Vac, 1-60A, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
JJS EATON-JJS Datasheet
1Mb / 4P
JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com