Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRN-R-125 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # FRN-R-125
Description  Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRN-R-125 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  FRN-R-125 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRN-R-125 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRN-R-125 Datasheet HTML 3Page - Cooper Bussmann, Inc. FRN-R-125 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FRN-R Class RK5 250Vac, 125/250Vdc
70-600A, dual element, time-delay fuses
Technical Data 1020
Effective February 2016
Eaton, Bussmann and Fusetron are valuable
trademarks of Eaton in the U.S. and other
countries. You are not permitted to use
the Eaton trademarks without prior written
consent of Eaton.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2016 Eaton
All Rights Reserved
Printed in USA
Publication No. 1020 — BU-SB13731
February 2016
Follow us on social media to get the
latest product and support information.
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document
are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help
the end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or
limit distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin.
Once a product has been selected, it should be tested by the user in all possible applications.
Current-limiting effects:
Prosp. S.C.C.
Let-through current
(apparent RMS Sym. vs. fuse rating)
100A
200A
400A
600A
5000
3000
5000
5000
5000
10,000
4000
7000
10,000
10,000
15,000
5000
8000
11,000
15,000
20,000
5000
8000
12,000
16,000
25,000
6000
9000
13,000
17,000
30,000
6000
10,000
14,000
18,000
35,000
6000
10,000
15,000
19,000
40,000
7000
11,000
15,000
20,000
50,000
7000
11,000
17,000
21,000
60,000
8000
12,000
18,000
22,000
70,000
8000
13,000
19,000
23,000
80,000
8000
13,000
19,000
24,000
90,000
9000
14,000
20,000
25,000
100,000
9000
14,000
21,000
26,000
150,000
10,000
16,000
24,000
29,000
200,000
11,000
18,000
26,000
32,000
400000
9000
8000
7000
6000
300000
200000
100000
5000
4000
90000
3000
2000
1000
80000
70000
60000
B
A
50000
40000
30000
20000
10000
600A
400A
200A
100A
RMS SYMMETRICAL CURRENT IN AMPS
A-B = ASYMMETRICAL AVAILABLE PEAK (2.3 X SYM RMS AMPS)
Current-limitation curves:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com