Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS-R-4 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FRS-R-4
Description  Fusetron??600 V Class RK5, FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRS-R-4 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FRS-R-4 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRS-R-4 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRS-R-4 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data1017
Effective May 2016
Eaton.com/bussmannseries
Fusetron™ 600 V class RK5 FRS-R — 600 Vac/
300 Vdc, 1⁄10-60 A, dual element, time-delay fuses
Carton quantity:
Amp rating
Carton qty.
1/10-60
10
Recommended fuse blocks
Fuse amps
1-Pole
2-Pole
3-Pole
0-30
RM60030-1
RM60030-2
RM60030-3
35-60
RM60060-1
RM60060-2
RM60060-3
For additional information on the R600, 600 volt fuse blocks, see
data sheet No. 1111.
Fuse reducers for class R fuses
Equipment
fuse clips
Desired fuse
(case) size
Catalog number
(pairs) 600V
60A
30A
No. 663-R
100A
30A
No. 216-R
60A
No. 616-R
200A
60A
No. 626-R
For additional information on class R fuse reducers, see data
sheet No. 1118.
Amp rating
Current in amps
Time-current curves–average melt
1/10 to 8 amps
Amp rating
Current in amps
Time-current curves–average melt
10 to 60 amps



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com