Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9540BD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9540BD
Description  2-channel I2C multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9540BD Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9540BD Datasheet HTML 1Page - NXP Semiconductors PCA9540BD Datasheet HTML 2Page - NXP Semiconductors PCA9540BD Datasheet HTML 3Page - NXP Semiconductors PCA9540BD Datasheet HTML 4Page - NXP Semiconductors PCA9540BD Datasheet HTML 5Page - NXP Semiconductors PCA9540BD Datasheet HTML 6Page - NXP Semiconductors PCA9540BD Datasheet HTML 7Page - NXP Semiconductors PCA9540BD Datasheet HTML 8Page - NXP Semiconductors PCA9540BD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
Product data sheet
PCA9540B
2-channel I2C multiplexer
2004 Sep 29
4
DEVICE ADDRESSING
Following a START condition the bus master must output the
address of the slave it is accessing. The address of the PCA9540B
is shown in Figure 3.
0
0
0
0
SW00713
1
1
1
R/W
FIXED
Figure 3. Slave address
The last bit of the slave address defines the operation to be
performed. When set to logic 1, a read is selected while a logic 0
selects a write operation.
CONTROL REGISTER
Following the successful acknowledgement of the slave address,
the bus master will send a byte to the PCA9540B which will be
stored in the Control Register. If multiple bytes are received by the
PCA9540B, it will save the last byte received. This register can be
written and read via the I2C bus.
X
B2
B1
B0
CHANNEL SELECTION BITS
X
SW00839
X
(READ/WRITE)
6
5
4
2
1
0
7
3
X
X
ENABLE BIT
Figure 4. Control register
CONTROL REGISTER DEFINITION
A SCx/SDx downstream pair, or channel, is selected by the contents
of the control register. This register is written after the PCA9540B
has been addressed. The 2 LSBs of the control byte are used to
determine which channel is to be selected. When a channel is
selected, the channel will become active after a stop condition has
been placed on the I2C bus. This ensures that all SCx/SDx lines will
be in a HIGH state when the channel is made active, so that no
false conditions are generated at the time of connection.
Table 1. Control Register; Write — Channel Selection/
Read — Channel Status
D7
D6
D5
D4
D3
B2
B1
B0
COMMAND
X
X
X
X
X
0
X
X
No channel selected
X
X
X
X
X
1
0
0
Channel 0 enabled
X
X
X
X
X
1
0
1
Channel 1 enabled
X
X
X
X
X
1
1
X
No channel selected
0
0
0
0
0
0
0
0
No channel selected;
power-up default state
POWER-ON RESET
When power is applied to VDD, an internal Power-On Reset holds
the PCA9540B in a reset condition until VDD has reached VPOR. At
this point, the reset condition is released and the PCA9540B
registers and I2C state machine are initialized to their default states,
all zeroes causing all the channels to be deselected. Thereafter,
VDD must be lowered below 0.2 V to reset the device.
VOLTAGE TRANSLATION
The pass gate transistors of the PCA9540B are constructed such
that the VDD voltage can be used to limit the maximum voltage that
will be passed from one I2C bus to another.
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
Vpass vs. VDD
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vpass
VDD
MINIMUM
TYPICAL
MAXIMUM
SW00820
2.0
Figure 5. Vpass voltage
Figure 5 shows the voltage characteristics of the pass gate
transistors (note that the graph was generated using the data
specified in the DC Characteristics section of this datasheet). In
order for the PCA9540B to act as a voltage translator, the Vpass
voltage should be equal to, or lower than the lowest bus voltage. For
example, if the main bus was running at 5 V, and the downstream
buses were 3.3 V and 2.7 V, then Vpass should be equal to or below
2.7 V to effectively clamp the downstream bus voltages. Looking at
Figure 5, we see that Vpass (max.) will be at 2.7 V when the
PCA9540B supply voltage is 3.5 V or lower so the PCA9540B
supply voltage could be set to 3.3 V. Pull-up resistors can then be
used to bring the bus voltages to their appropriate levels (see Figure
12).
More Information can be found in Application Note AN262
PCA954X
family of I2C/SMBus multiplexers and switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com