Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9540B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9540B
Description  2-channel I2C multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9540B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9540B Datasheet HTML 4Page - NXP Semiconductors PCA9540B Datasheet HTML 5Page - NXP Semiconductors PCA9540B Datasheet HTML 6Page - NXP Semiconductors PCA9540B Datasheet HTML 7Page - NXP Semiconductors PCA9540B Datasheet HTML 8Page - NXP Semiconductors PCA9540B Datasheet HTML 9Page - NXP Semiconductors PCA9540B Datasheet HTML 10Page - NXP Semiconductors PCA9540B Datasheet HTML 11Page - NXP Semiconductors PCA9540B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product data sheet
PCA9540B
2-channel I2C multiplexer
2004 Sep 29
8
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).Voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VDD
DC supply voltage
–0.5 to +7.0
V
VI
DC input voltage
–0.5 to +7.0
V
II
DC input current
±20
mA
IO
DC output current
±25
mA
IDD
Supply current
±100
mA
ISS
Supply current
±100
mA
Ptot
total power dissipation
400
mW
Tstg
Storage temperature range
–60 to +150
°C
Tamb
Operating ambient temperature
–40 to +85
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
DC CHARACTERISTICS
VDD = 2.3 to 3.6 V; VSS = 0 V; Tamb = –40 to +85 °C; unless otherwise specified. (See page 9 for VDD = 3.6 to 5.5 V)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply
VDD
Supply voltage
2.3
—
3.6
V
IDD
Supply current
Operating mode; VDD = 3.6 V;
no load; VI = VDD or VSS;
fSCL = 100 kHz
—
20
50
µA
Istb
Standby current
Standby mode; VDD = 3.6 V;
no load; VI = VDD or VSS; fSLC = 0 kHz
—
0.1
1
µA
VPOR
Power-on reset voltage (Note 1)
no load; VI = VDD or VSS
—
1.6
2.1
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
–0.5
—
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
—
6
V
IO
LOW level output current
VOL = 0.4 V
3
—
—
mA
IOL
LOW-level output current
VOL = 0.6 V
6
—
—
mA
IL
Leakage current
VI = VDD or VSS
–1
—
+1
µA
Ci
Input capacitance
VI = VSS
—
7
8
pF
Pass Gate
RO
Switch resistance
VCC = 3.0 to 3.6 V, VO = 0.4 V, IO = 15 mA
5
11
31
Ω
RON
Switch resistance
VCC = 2.3 to 2.7 V, VO = 0.4 V, IO = 10 mA
7
16
55
Ω
Vswin = VDD = 3.3 V; Iswout = –100 µA
—
1.9
—
V
Switch output voltage
Vswin = VDD = 3.0 to 3.6 V; Iswout = –100 µA
1.6
—
2.8
V
VPass
Switch output voltage
Vswin = VDD = 2.5 V; Iswout = –100 µA
—
1.5
—
V
Vswin = VDD = 2.3 to 2.7 V; Iswout = –100 µA
1.1
—
2.0
IL
Leakage current
VI = VDD or VSS
–1
—
+1
µA
Cio
Input/output capacitance
VI = VSS
—
2.5
5
pF
NOTE:
1. VDD must be lowered to 0.2 V in order to reset part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com