Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175CJ Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 175CJ
Description  Fast-Acting Ceramic Body, Class J
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

175CJ Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  175CJ Datasheet HTML 1Page - Cooper Bussmann, Inc. 175CJ Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast-Acting Ceramic Body, Class J
CJ
HRCI-J Series
Catalog Symbol: CJ
Fast-acting, ceramic body fuse.
Ratings:
Volts — 600Vac or less
— 250Vdc
Amps — 1 to 600A
IR — 200kA AC & DC
Agency Information: CSA C22.2 NO. 106 M92, designed to
BS88:2, IEC60269:2
• Industrial duty fuses with ceramic bodies.
• The excellent current limiting characteristics of fast-acting
HRCI-J fuses limit damage to equipment and installations by
the thermal and magnetic energy associated with a large
short-circuit fault current.
• Overload characteristics limit cable damage due to low
overload currents.
A
B
B
C
1CJ TO 60CJ
A
J
F
K
B
H
D
C
E
G
70CJ TO 600CJ
0512 BU-SB98107
Page 1 of 2
Data Sheet 4129
Dimensions
Catalog Numbers
Catalog
Amp
Dimensions in - (mm)
Numbers
Ratings
ABCDE
F
G
H
J
K
1CJ
1
3CJ
3
6CJ
6
10CJ
10
15CJ
15
2.25 (57)
0.5 (12.7)
0.81 (20.6)
———————
20CJ
20
25CJ
25
30CJ
30
35CJ
35
40CJ
40
45CJ
45
2.38 (60)
0.63 (16)
1.06 (27)
———————
50CJ
50
60CJ
60
70CJ
70
80CJ
80
4.63 (117)
3.63 (92)
1.13 (28)
0.75 (19)
0.13 (3.2)
1 (25.4)
0.5 (12.7)
0.28 (7.1)
0.38 (9.5)
2.63 (67)
90CJ
90
100CJ
100
110CJ
110
125CJ
125
150CJ
150
5.75 (146)
4.38 (111)
1.63 (41)
1.13 (28.6)
0.19 (4.8)
1.38 (35)
0.69 (17.5)
0.28 (7.1)
0.38 (9.5)
3 (76)
175CJ
175
200CJ
200
225CJ
225
250CJ
250
300CJ
300
7.13 (181)
5.25 (133)
2.13 (54)
1.63 (41)
0.25 (6.3)
1.88 (47.6)
0.94 (24)
0.41 (10.3)
0.53 (13.5)
3.38 (86)
350CJ
350
400CJ
400
450CJ
450
500CJ
500
8 (203)
6 (152)
2.63 (66)
2 (51)
0.38 (9.5)
2.13 (54)
1 (25.4)
0.53 (13.5)
0.69 (17.5)
3.75 (96)
600CJ
600
Catalog Numbers


Similar Part No. - 175CJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
175C MICROSEMI-175C Datasheet
179Kb / 3P
Silicon Controlled Rectifier
logo
Hammond Manufacturing L...
175C HAMMOND-175C Datasheet
345Kb / 2P
Auto Line Transformer
175C-EU HAMMOND-175C-EU Datasheet
345Kb / 2P
Auto Line Transformer
logo
Microsemi Corporation
175C100B MICROSEMI-175C100B Datasheet
179Kb / 3P
Silicon Controlled Rectifier
175C120B MICROSEMI-175C120B Datasheet
179Kb / 3P
Silicon Controlled Rectifier
More results

Similar Description - 175CJ

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ABC-1-R COOPER-ABC-1-R Datasheet
210Kb / 2P
ABC Series, Fast-Acting, Ceramic Tube
logo
NTE Electronics
74-10FC1A NTE-74-10FC1A Datasheet
823Kb / 1P
10 x 38mm Ceramic, Fast Acting
logo
Cooper Bussmann, Inc.
JKS-50 COOPER-JKS-50 Datasheet
89Kb / 2P
Limitron짰 Quick-Acting Fuses Class J ??600 Volt
GDA-50MA COOPER-GDA-50MA Datasheet
255Kb / 2P
GDA Series, Fast-Acting, Ceramic Tube
logo
Littelfuse
216 LITTELFUSE-216 Datasheet
1Mb / 4P
5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
216SP LITTELFUSE-216SP Datasheet
894Kb / 3P
5횞20mm fast-acting ceramic body cartridge fuse Designed to IEC specification
logo
Eaton All Rights Reserv...
FCF-RN EATON-FCF-RN Datasheet
805Kb / 2P
Fast-acting UL Class CF CUBEFuse
JKS EATON-JKS Datasheet
881Kb / 4P
JKS fast-acting Class J fuses, up to 60 A
JKS-70 EATON-JKS-70 Datasheet
807Kb / 3P
JKS fast-acting Class J fuses, 70 to 600 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com