Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116MPWPEP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPEP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPEP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS51116MPWPEP Datasheet HTML 2Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 3Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 4Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 5Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 6Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 7Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 8Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 9Page - Texas Instruments TPS51116MPWPEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TPS51116-EP
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = −55°C to 125°C, TJ = TA, VV5IN = 5 V, VLDOIN is connected to VDDQ output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL BST DIODE
VFBST
Forward voltage
VV5IN-VBST , IF = 10 mA
0.58
0.8
1.1
V
IVBSTLK
VBST leakage current
VVBST = 34 V, VLL = 28 V, VVDDQ = 2.6 V
0.1
1.11
μA
PROTECTIONS
VPGND-CS , PGOOD = HI, VCS < 0.5 V
47
60
70
VOCL
Current limit threshold
mV
VPGND-CS , PGOOD = LO, VCS < 0.5 V
18
30
40
VCS > 4.5 V, PGOOD = HI
4
10
20
ITRIP
Current sense sink current
μA
VCS > 4.5 V, PGOOD = LO
2
5
10
TRIP current temperature
RDS(on) sense scheme, On the basis
TCITRIP
4500
ppm/°C
coefficient
of TA = 25°C
(1)
Overcurrent protection
(VV5IN-CS - VPGND-LL), VV5IN-CS = 60 mV,
VOCL(off)
-7
0
7
COMP offset
VCS > 4.5 V
mV
Current limit threshold setting
VR(trip)
VV5IN-CS
30
150
range
POWERGOOD COMPARATOR
PG in from lower
92%
95%
98%
VTVDDQPG
VDDQ powergood threshold
PG in from higher
102%
105%
108%
PG hysteresis
5%
IPG(max)
PGOOD sink current
VVTT = 0 V, VPGOOD = 0.5 V
2.3
7.5
mA
tPG(del)
PGOOD delay time
Delay for PG in
78
130
205
μs
UNDERVOLTAGE LOCKOUT AND LOGIC THRESHOLD
Wake up
3.6
4
4.4
V5IN UVLO threshold
VUVV5IN
voltage
Hysteresis
0.19
0.3
0.41
No discharge
4.7
VTHMODE
MODE threshold
Non-tracking discharge
0.08
2.5 V output
0.075
0.150
0.255
V
VTHVDDQSET
VDDQSET threshold voltage
1.8 V output
3.45
4
4.55
VIH
High-level input voltage
S3, S5
2.2
VIL
Low-level input voltage
S3, S5
0.3
VIHYST
Hysteresis voltage
S3, S5
0.2
VINLEAK
Logic input leakage current
S3, S5, MODE
-1
1
μA
VINVDDQSET
Input leakage/ bias current
VDDQSET
-1
1
UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
OVP detect
109%
115%
121%
VDDQ OVP trip threshold
VOVP
voltage
Hysteresis
5%
VDDQ OVP propagation
tOVPDEL
1.5
μs
delay
UVP detect
70%
VUVP
Output UVP trip threshold
Hysteresis
10%
Output UVP propagation
tUVPDEL
32
delay
cycle
tUVPEN
Output UVP enable delay
1007
THERMAL SHUTDOWN
Shutdown temperature
160
TSDN
Thermal SDN threshold (1)
°C
Hysteresis
10
(1)
Specified by design. Not production tested.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com