Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTK-R-3/10 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # KTK-R-3/10
Description  LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KTK-R-3/10 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  KTK-R-3/10 Datasheet HTML 1Page - Cooper Bussmann, Inc. KTK-R-3/10 Datasheet HTML 2Page - Cooper Bussmann, Inc. KTK-R-3/10 Datasheet HTML 3Page - Cooper Bussmann, Inc. KTK-R-3/10 Datasheet HTML 4Page - Cooper Bussmann, Inc. KTK-R-3/10 Datasheet HTML 5Page - Cooper Bussmann, Inc. KTK-R-3/10 Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 1015
Effective February 2016
Supersedes August 2015
LIMITRON™ KTK-R Class CC 600Vac,
1⁄10-30A, fast-acting fuses
Catalog symbol:
KTK-R-(amp)
Description:
Bussmann® series Advanced protection KTK-R
Class CC current-limiting, fast-acting fuses.
Specifications:
Ratings
Volts 600Vac
Amps 1⁄10-30A
IR 200kA Vac RMS Sym.
Agency information:
UL® Listed, Std. 248-4, Class CC,
Guide JDDZ, File E4273
CSA® Certified, C22.2 NO. 248.4,
File 53787, Class 1422-02
CE
RoHS compliant
Catalog numbers (amps)
KTK-R-1⁄10
KTK-R-6⁄10 KTK-R-3-1⁄2
KTK-R-10
KTK-R-1⁄8
KTK-R-3⁄4
KTK-R-4
KTK-R-12
KTK-R-2⁄10
KTK-R-1
KTK-R-5
KTK-R-15
KTK-R-1⁄4 KTK-R-1-1⁄2
KTK-R-6
KTK-R-20
KTK-R-3⁄10
KTK-R-2
KTK-R-7
KTK-R-25
KTK-R-4⁄10 KTK-R-2-1⁄2
KTK-R-8
KTK-R-30
KTK-R-1⁄2
KTK-R-3
KTK-R-9
Carton quantity:
Amp rating
Carton qty.
1⁄10–30
10
Dimensions – in (mm):
Features:
Provides 10X better current limitation to help
prevent equipment damage caused by short-
circuit events.
200kA interrupting rating complies with
NEC® Section 110.9 for today’s large capacity
systems.
Fast-acting fuse helps prevent equipment
damage caused by short-circuit events.
Rejection type fuse fits both standard and
rejection-style holders.
Ideal for critical industrial or commercial
applications that have specific current limitation
requirements.
1.5" (± 0.031)
(38.1mm)
0.41" (± 0.005)
(10.3mm)


Similar Part No. - KTK-R-3/10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KTK-R-3/10 ETC1-KTK-R-3/10 Datasheet
40Kb / 1P
Fast-Acting Fuses 13/32??x 1-1/2?? Class CC - 600 Volt, 1/10 - 30 Amps
logo
Eaton All Rights Reserv...
KTK-R-3/10 EATON-KTK-R-3/10 Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
More results

Similar Description - KTK-R-3/10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JJS-70 COOPER-JJS-70 Datasheet
291Kb / 3P
LIMITRON??600V Class T JJS ??600Vac, 1-800A, Fast-Acting Fuses
KTU-601 COOPER-KTU-601 Datasheet
664Kb / 4P
Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
FNQ-R-1 COOPER-FNQ-R-1_15 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
KTK-R-1-10 ETC2-KTK-R-1-10 Datasheet
677Kb / 6P
KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
Eaton All Rights Reserv...
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
JJS EATON-JJS Datasheet
1Mb / 4P
JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
KTK-R EATON-KTK-R Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
KTU EATON-KTU Datasheet
664Kb / 4P
Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com