Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTK-R-4/10 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # KTK-R-4/10
Description  LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KTK-R-4/10 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  KTK-R-4/10 Datasheet HTML 1Page - Cooper Bussmann, Inc. KTK-R-4/10 Datasheet HTML 2Page - Cooper Bussmann, Inc. KTK-R-4/10 Datasheet HTML 3Page - Cooper Bussmann, Inc. KTK-R-4/10 Datasheet HTML 4Page - Cooper Bussmann, Inc. KTK-R-4/10 Datasheet HTML 5Page - Cooper Bussmann, Inc. KTK-R-4/10 Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data 1015
Effective February 2016
LIMITRON™ KTK-R Class CC 600Vac, 1⁄10-30A, fast-acting fuses
Eaton.com/bussmannseries
Recommended fuse blocks and holders:
Fuse amps
1-Pole
2-Pole
3-Pole
Modular open blocks
0-30
BCM603-1_
BCM603-2_
BCM603-3_
DIN-Rail holders
0-30
CHCC1D_
CHCC2D_
CHCC3D_
OPM-NG-_
OPM-1038_
OPM-1038_SW
Panel mount holders
0-30
HPS
HPF
In-line holders
0-30
HEY
HEZ
For additional information on Class CC fuse blocks and holders, see
data sheets:
Modular open blocks no. 10241 (BCM)
DIN-Rail holders no. 3185 (CHCC), no. 1109 (OPM), no. 1102
(OPM-1038), no. 1103 (OPM-1038_SW)
Panel mount holders no. 2113 (HPS), no. 2114 (HPF)
In-line holders no. 2126 (HEY), no. 2130 (HEZ)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com