Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS51116 Datasheet HTML 17Page - Texas Instruments TPS51116 Datasheet HTML 18Page - Texas Instruments TPS51116 Datasheet HTML 19Page - Texas Instruments TPS51116 Datasheet HTML 20Page - Texas Instruments TPS51116 Datasheet HTML 21Page - Texas Instruments TPS51116 Datasheet HTML 22Page - Texas Instruments TPS51116 Datasheet HTML 23Page - Texas Instruments TPS51116 Datasheet HTML 24Page - Texas Instruments TPS51116 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
TPS51116-EP
www.ti.com
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
Layout Considerations
Certain points must be considered before designing a layout using the TPS51116.
•
PCB trace defined as LL node, which connects to source of switching MOSFET, drain of rectifying MOSFET
and high-voltage side of the inductor, should be as short and wide as possible.
•
Consider adding a small snubber circuit, consisting of a 3-
Ω resitor and a 1-nF capacitor, between LL and
PGND in case a high-frequency surge is observed on the LL voltage waveform.
•
All sensitive analog traces such as VDDQSNS, VTTSNS and CS should placed away from high-voltage
switching nodes such as LL, DRVL or DRVH nodes to avoid coupling.
•
VLDOIN should be connected to VDDQ output with short and wide trace. If different power source is used for
VLDOIN, an input bypass capacitor should be placed to the pin as close as possible with short and wide
connection.
•
The output capacitor for VTT should be placed close to the pin with short and wide connection in order to
avoid additional ESR and/or ESL of the trace.
•
VTTSNS should be connected to the positive node of VTT output capacitor(s) as a separate trace from the
high current power line and is strongly recommended to avoid additional ESR and/or ESL. If it is needed to
sense the voltage of the point of the load, it is recommended to attach the output capacitor(s) at that point.
Also, it is recommended to minimize any additional ESR and/or ESL of ground trace between GND pin and
the output capacitor(s).
•
Consider adding LPF at VTTSNS when the ESR of the VTT output capacitor(s) is larger than 2 m
Ω.
•
VDDQSNS can be connected separately from VLDOIN. Remember that this sensing potential is the reference
voltage of VTTREF. Avoid any noise generative lines.
•
Negative node of VTT output capacitor(s) and VTTREF capacitor should be tied together by avoiding
common impedance to the high current path of the VTT source/sink current.
•
GND (Signal GND) pin node represents the reference potential for VTTREF and VTT outputs. Connect GND
to negative nodes of VTT capacitor(s), VTTREF capacitor and VDDQ capacitor(s) with care to avoid
additional ESR and/or ESL. GND and PGND (power ground) should be connected together at a single point.
•
PGND is the return path for rectifying MOSFET gate drive. Use 0.65 mm (25mil) or wider trace. Connect to
source of rectifying MOSFET with shortest possible path.
•
The trace from the CS pin should avoid high-voltage switching nodes such as those for LL, VBST, DRVH,
DRVL or PGOOD.
•
In order to effectively remove heat from the package, prepare thermal land and solder to the package’s
thermal pad. Wide trace of the component-side copper, connected to this thermal land, helps heat spreading.
Numerous vias with a 0.33-mm diameter connected from the thermal land to the internal/solder-side ground
plane(s) should be used to help dissipation. Do NOT connect PGND to this thermal land underneath the
package.
Figure 6. D-CAP™ Mode
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com