Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLFM120-MS Datasheet(PDF) 3 Page - Formosa MS

Part # KLFM120-MS
Description  Chip Low Leakage Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

KLFM120-MS Datasheet(HTML) 3 Page - Formosa MS

  KLFM120-MS Datasheet HTML 1Page - Formosa MS KLFM120-MS Datasheet HTML 2Page - Formosa MS KLFM120-MS Datasheet HTML 3Page - Formosa MS KLFM120-MS Datasheet HTML 4Page - Formosa MS KLFM120-MS Datasheet HTML 5Page - Formosa MS KLFM120-MS Datasheet HTML 6Page - Formosa MS KLFM120-MS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
Rating and characteristic curves (KLFM120-MS THRU KLFM140-MS)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-TYPICAL DIODE CAPACITANCE
REVERSE VOLTAGE,(V)
0.2
0.4
0.6
0.8
1.0
1.2
LEAD TEMPERATURE,( C)
°
0
0
20
40
60
80
100
120
140
160
180
200
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
0
.5
10
15
20
25
30
150
125
100
75
50
25
0
f=1MHz
Document ID
Issued Date
Revised Date
Revision
Page.
0.001
0.01
0.1
1.0
100
10
0.1
1.0
.01
10
50
3.0
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
.1
.3
.5
.7
.9
1.1
1.3
1.5
20
FIG.5 - TYPICAL REVERSE
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
CHARACTERISTICS
T25 C
J
= °
40
60
Pulse Width 300us
1% Duty Cycle
T =25 C
J
80
100
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
DS-12164P
2013/12/17
-
A
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com