Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N032AT23 Datasheet(PDF) 2 Page - Formosa MS

Part # N032AT23
Description  SMD Transient Voltage Suppressor For ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

N032AT23 Datasheet(HTML) 2 Page - Formosa MS

  N032AT23 Datasheet HTML 1Page - Formosa MS N032AT23 Datasheet HTML 2Page - Formosa MS N032AT23 Datasheet HTML 3Page - Formosa MS N032AT23 Datasheet HTML 4Page - Formosa MS N032AT23 Datasheet HTML 5Page - Formosa MS N032AT23 Datasheet HTML 6Page - Formosa MS N032AT23 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Package outline
Page 2
Http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Surface Mount TVS
For ESD Protection Diode - 3.3V - 36V
Maximum ratings (at T =25 C unless otherwise noted)
A
o
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
Suffix "-H" indicates Halogen-free part, ex.N032AT23-H
•
•
•
•
•
•
•
•
•
IEC61000-4-2 ESD 15kV Air, 8kV contact compliance
Protects one bidirectional line or two unidirectional lines
Working voltage : 3.0V, 5.0V, 12V, 24V and 36V
Low leakage current
Low operating and clamping voltages
Sold-state silicon avalanche technology
Peak power dissipation of 400W under 8/20us waveform
Formosa MS
Electrical characteristics (at T =25 C unless otherwise noted)
A
o
Part No.
N122AT23
1.0
12.0
150
13.3
1.0
V
(V)
Max.
RWM
I(uA)
@V
Max.
R
RWM
V (V)@I
Min.
BR
T
I
(mA)
T
C(pF)
J
0Vdc,f=1MHZ
between I/O
pins and GND
Max.
19.0
N362AT23
1.0
36.0
80
40.0
1.0
50.0
N032AT23
1.0
3.3
450
4.0
20
7.5
N052AT23
1.0
5.0
350
6.0
5.0
9.8
N242AT23
1.0
24.0
88
26.7
1.0
43.0
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case :
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Mounting Position : Any
•
•
•
•
•
Molded plastic, SOT-23
Weight : Approximated 0.008 gram
N032AT23 THRU N362AT23
Document ID
Issued Date
Revised Date
Revision
Page.
Parameter
Condition
Symbol
P
PP
Value
Unit
W
ESD Voltage
Operating junction temperature range
T
J
-55~+150
oC
Peak pulse power
tp = 8/20 us waveform
Storage temperature range
T
STG
-55~+150
oC
HBM Contact
AIR Contact
kV
±8
15
±
400
V
ESD
V (V)
tp=8/20us
I
Max.
C
PP
@
=1.0A
I
(A)
PP
V (V)
@ I
Max.
C
PP
tp=8/20us
15.0
5.0
25.0
20.0
10.0
24.0
75.0
10.0
12.0
47.0
Dimensions in inches and (millimeters)
SOT-23
0.035 (0.89)
0.051 (1.30)
0.063 (1.60)
0.047 (1.20)
0.108 (2.75)
0.083 (2.10)
0.027 (0.67)
0.013 (0.32)
(A)
(B)
(C)
250
240
P
(W)
tp=8/20 us
PK
Max.
360
470
375
SMD Transient Voltage Suppressor For ESD Protection
DS-221825
2009/08/10
2012/01/10
C
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com