Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB1040CT Datasheet(PDF) 3 Page - Formosa MS

Part # SB1040CT
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SB1040CT Datasheet(HTML) 3 Page - Formosa MS

  SB1040CT Datasheet HTML 1Page - Formosa MS SB1040CT Datasheet HTML 2Page - Formosa MS SB1040CT Datasheet HTML 3Page - Formosa MS SB1040CT Datasheet HTML 4Page - Formosa MS SB1040CT Datasheet HTML 5Page - Formosa MS SB1040CT Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Rating and characteristic curves (SB1020CT THRU SB10200CT)
Document ID
Issued Date
Revised Date
Revision
Page.
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
150
125
100
75
50
25
0
Number of Cycles at 60 Hz
1
10
100
8.3mS single half sine-wave
(JEDEC Method)
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
Case Temperature (°C)
12.0
10.0
8.0
6.0
4..0
2.0
0
RESISTIVE OR INDUCTIVE LOAD
FIG.5-
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-TYPICAL REVER CHARACTERISTICS
40
60
80
100
120
140
20
0.1
1.0
1000
10
0.01
0
100
TJ=75
℃
TJ=100
℃
TJ=25
℃
TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
0.1
1000
100
10
1
10
100
TJ = 25°C f = 1 MHz
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
1
0.1
5
10
0.1
0.2
0.5
0.3
0.6
0.9
0.4
0.7
0.8
100
1.0
PULSE WIDTH 300us
2% DUTY CYCLE
TJ = 25°C
SB1060CT
SB10150CT
SB1080CT-SB10100CT
SB1020CT-SB1045CT
SB10200CT
DS-222683
2008/02/10
2014/08/15
E
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com