Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB2045CT Datasheet(PDF) 2 Page - Formosa MS

Part # SB2045CT
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SB2045CT Datasheet(HTML) 2 Page - Formosa MS

  SB2045CT Datasheet HTML 1Page - Formosa MS SB2045CT Datasheet HTML 2Page - Formosa MS SB2045CT Datasheet HTML 3Page - Formosa MS SB2045CT Datasheet HTML 4Page - Formosa MS SB2045CT Datasheet HTML 5Page - Formosa MS SB2045CT Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : JEDEC TO-220AB molded plastic body over
passivated chip
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity:
• Mounting Position : Any
• Weight : Approximated 2.10 gram
•
As marked
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
20A Power Schottky Barrier
Rectifiers - 20V-200V
Formosa MS
Schottky Barrier Rectifier
SB2020CT THRU SB20200CT
Document ID
Issued Date
Revised Date
Revision
Page.
Features
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free parts, ex. SΒ2020CT-H.
• For use in low voltage, high frequency inverters, free wheelling,
and polarity protectionapplications
• Offer 10A half wave and 20A full wave rectification.
•
•
•
•
•
•
•
•
Package outline
Dimensions in inches and (millimeters)
TO-220AB
0.419(10.66)
0.387(9.85)
0.139(3.55)
MIN
0.624(15.87)
0.548(13.93)
0.269(6.85)
0.226(5.75)
1
2
3
0.177(4.50)MAX
0.50(12.70)MIN
0.196(5.00)
0.163(4.16)
0.038(0.96)
0.019(0.50)
0.1(2.54)
PIN 1
PIN 3
PIN 2
0.054(1.39)
0.045(1.15)
0.025(0.65)MAX
DS-222686
2008/02/10
2014/08/15
E
6
Maximum ratings (AT T =25
A
oC unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Peak forward surge current 8.3ms
single half sine-wave(JEDEC method)
Maximum DC blocking voltage
Maximum average forward rectified current
Operating junction temperature range
Storage temperature range
Maximum forward voltage per leg at IF=10A
Maximum DC reverse current at TJ =25°C
at rated DC blocking voltage at TJ =100°C
per leg
Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Thermal Characteristics
Typical thermal resistance
junction to case per leg
PARAMETER
PARAMETER
PARAMETER
SYMBOLS
SYMBOLS
SYMBOLS
VDC
VRRM
IFSM
VRMS
TSTG
IO
TJ
VF
IR
R
θJC
SB
2020CT
20
14
20
SB
2040CT
-55 to +125
0.55
40
28
40
SB
2045CT
45
31.5
45
0.75
60
42
60
SB
2060CT
-55 to +150
-65 to +175
200
0.5
50
2.0
20
SB
2080CT
80
56
80
0.85
SB
20100CT
100
70
100
0.90
SB
20150CT
150
105
150
200
140
SB
20200CT
0.92
200
UNIT
UNIT
UNIT
°C
°C
mA
mA
V
V
V
A
A
V
°C/W
50
35
50
SB
2050CT
SB
2020CT
SB
2040CT
SB
2045CT
SB
2060CT
SB
2080CT
SB
20100CT
SB
20150CT
SB
20200CT
SB
2050CT
SB
2020CT
SB
2040CT
SB
2045CT
SB
2060CT
SB
2080CT
SB
20100CT
SB
20150CT
SB
20200CT
SB
2050CT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com