Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C032
Description  LVDS Quad CMOS Differential Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C032 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90C032 Datasheet HTML 1Page - National Semiconductor (TI) DS90C032 Datasheet HTML 2Page - National Semiconductor (TI) DS90C032 Datasheet HTML 3Page - National Semiconductor (TI) DS90C032 Datasheet HTML 4Page - National Semiconductor (TI) DS90C032 Datasheet HTML 5Page - National Semiconductor (TI) DS90C032 Datasheet HTML 6Page - National Semiconductor (TI) DS90C032 Datasheet HTML 7Page - National Semiconductor (TI) DS90C032 Datasheet HTML 8Page - National Semiconductor (TI) DS90C032 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Switching Characteristics
V
CC = +5.0V, TA = +25˚C DS90C032T (Notes 3, 4, 5, 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHLD
Differential Propagation Delay High to Low
C
L = 5 pF
1.5
3.40
5.0
ns
t
PLHD
Differential Propagation Delay Low to High
V
ID = 200 mV
1.5
3.48
5.0
ns
t
SKD
Differential Skew |t
PHLD −tPLHD|(Figure 1 and Figure 2)
0
80
600
ps
t
SK1
Channel-to-Channel Skew (Note 5)
0
0.6
1.0
ns
t
TLH
Rise Time
0.5
2.0
ns
t
THL
Fall Time
0.5
2.0
ns
t
PHZ
Disable Time High to Z
R
L =2k
Ω
10
15
ns
t
PLZ
Disable Time Low to Z
C
L =10pF
10
15
ns
t
PZH
Enable Time Z to High
(Figure 3 and Figure 4)
4
10
ns
t
PZL
Enable Time Z to Low
410
ns
Switching Characteristics
V
CC = +5.0V ± 10%, TA = −40˚C to +85˚C DS90C032T (Notes 3, 4, 5, 6, 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHLD
Differential Propagation Delay High to Low
C
L = 5 pF
1.0
3.40
6.0
ns
t
PLHD
Differential Propagation Delay Low to High
V
ID = 200 mV
1.0
3.48
6.0
ns
t
SKD
Differential Skew |t
PHLD −tPLHD|(Figure 1 and Figure 2)
0
0.08
1.2
ns
t
SK1
Channel-to-Channel Skew (Note 5)
0
0.6
1.5
ns
t
SK2
Chip to Chip Skew (Note 6)
5.0
ns
t
TLH
Rise Time
0.5
2.5
ns
t
THL
Fall Time
0.5
2.5
ns
t
PHZ
Disable Time High to Z
R
L =2k
Ω
10
20
ns
t
PLZ
Disable Time Low to Z
C
L =10pF
10
20
ns
t
PZH
Enable Time Z to High
(Figure 3 and Figure 4)
4
15
ns
t
PZL
Enable Time Z to Low
415
ns
Switching Characteristics
V
CC = +5.0V ± 10%, TA = −55˚C to +125˚C DS90C032E (Notes 3, 4, 5, 6, 9, 10)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHLD
Differential Propagation Delay High to Low
C
L = 20 pF
1.0
3.40
8.0
ns
t
PLHD
Differential Propagation Delay Low to High
V
ID = 200 mV
1.0
3.48
8.0
ns
t
SKD
Differential Skew |t
PHLD −tPLHD|(Figure 1 and Figure 2)
0
0.08
3.0
ns
t
SK1
Channel-to-Channel Skew (Note 5)
0
0.6
3.0
ns
t
SK2
Chip to Chip Skew (Note 6)
7.0
ns
t
PHZ
Disable Time High to Z
R
L =2k
Ω
10
20
ns
t
PLZ
Disable Time Low to Z
C
L =10pF
10
20
ns
t
PZH
Enable Time Z to High
(Figure 3 and Figure 4)
4
20
ns
t
PZL
Enable Time Z to Low
420
ns
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com