Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL24-MHT Datasheet(PDF) 5 Page - Formosa MS

Part # SL24-MHT
Description  Chip Low VF Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL24-MHT Datasheet(HTML) 5 Page - Formosa MS

  SL24-MHT Datasheet HTML 1Page - Formosa MS SL24-MHT Datasheet HTML 2Page - Formosa MS SL24-MHT Datasheet HTML 3Page - Formosa MS SL24-MHT Datasheet HTML 4Page - Formosa MS SL24-MHT Datasheet HTML 5Page - Formosa MS SL24-MHT Datasheet HTML 6Page - Formosa MS SL24-MHT Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
SL22-MHT THRU SL24-MHT
DS-121685
2012/03/16
-
A
7
Packing information
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Item
Tolerance
SOD-123HT
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
unit:mm
1.50
-
178.00
-
62.00
13.00
1.75
3.50
4.00
4.00
2.00
0.23
8.00
11.40
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
2.00
3.85
1.10
Chip
Rectifier
Low VF Schottky Barrier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com