Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDZ2.7B Datasheet(PDF) 7 Page - Formosa MS

Part # UDZ2.7B
Description  SMD Zener Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

UDZ2.7B Datasheet(HTML) 7 Page - Formosa MS

  UDZ2.7B Datasheet HTML 1Page - Formosa MS UDZ2.7B Datasheet HTML 2Page - Formosa MS UDZ2.7B Datasheet HTML 3Page - Formosa MS UDZ2.7B Datasheet HTML 4Page - Formosa MS UDZ2.7B Datasheet HTML 5Page - Formosa MS UDZ2.7B Datasheet HTML 6Page - Formosa MS UDZ2.7B Datasheet HTML 7Page - Formosa MS UDZ2.7B Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page 7
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Reel packing
SOD-323F
7"
3,000
4.0
30,000
183*183*123
178
382*262*387
240,000
8.0
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
Document ID
Issued Date
Revised Date
Revision
Page.
Profile Feature
Soldering Condition
Average ramp-up rate(T to T )
<3
/sec
Preheat
-Temperature Min(Tsmin)
150
-Temperature Max(Tsmax)
200
-Time(min to max)(t )
60~120sec
Tsmax to T
-Ramp-upRate
<3
/sec
Time maintained above:
-Temperature(T )
217
-Time(t )
60~260sec
Peak Temperature(T )
255
0/ 5
Time within 5
of actual Peak
Temperature(t )
Ramp-down Rate
<6
/sec
Time 25
to Peak Temperature
<6minutes
LP
s
L
L
L
P
P
o
o
o
o
o
oo
o
o
o
C
C
C
C
C
C-
+
C
C
C
C
10~30sec
3.Reflow soldering
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
oo
CC
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
t25 C to Peak
o
Time
25
TL
TP
Ramp-down
UDZ2.4B THRU UDZ36B
DS-221736
2009/08/10
2014/02/26
C
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com