Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z230B Datasheet(PDF) 2 Page - Formosa MS

Part # Z230B
Description  Zener Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z230B Datasheet(HTML) 2 Page - Formosa MS

  Z230B Datasheet HTML 1Page - Formosa MS Z230B Datasheet HTML 2Page - Formosa MS Z230B Datasheet HTML 3Page - Formosa MS Z230B Datasheet HTML 4Page - Formosa MS Z230B Datasheet HTML 5Page - Formosa MS Z230B Datasheet HTML 6Page - Formosa MS Z230B Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Zener Diode
Features
Glass passivated chip junction.
Typical IR less than 0.5uA above 110V.
Standard zener voltage tolerance ±5%.
Low inductance.
Low profile package.
Built-in strain relief.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free part, ex.Z100B-H.
•
•
•
•
•
•
•
•
Package outline
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
.107(2.7)
.080(2.0)
DIA.
DIA.
PARAMETER
CONDITIONS
Symbol
V
F
P
D
MIN.
TYP.
MAX.
1.20
1000
UNIT
V
mW
Storage temperature
Operating temperature
T
STG
T
J
-55
-65
+150
+175
oC
oC
o
Maximum ratings (at T =25 C unless otherwise noted)
A
Forward voltage
Power Dissipation
I = 200 mA
F
1000mW
Zener
Diodes - 100V-330V
Axial Lead
Mechanical data
•
• Case : Molded plastic, DO-41
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guaranteed
• Polarity: Color band denotes cathode end
• Mounting Position : Any
• Weight : Approximated 0.33 gram
Epoxy : UL94-V0 rated flame retardant
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222716
2008/02/10
2010/03/10
B
7
Z100B THRU Z330B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com