Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHCN Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # AHCN
Description  AC-DC Power Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AHCN Datasheet(HTML) 2 Page - Arch Electronics Corp.

  AHCN Datasheet HTML 1Page - Arch Electronics Corp. AHCN Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : A_2
update : 2015.11.27
AC-DC Power Module
AHCN SERIES
5 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
DERATING
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. It's necessary Varistor 14S471K at L / N input side in parallel.
3. Safety approvals cover frequency 47-63 Hz.
4. Please refer to our PDF file "AC-DC Application" on our website: www.archcorp.com.tw
OUTPUT NOISE
The output noise is measured with Nippon chemi-con KY 47uF capacitor
and 0.1uF ceramic capacitor across output.
MECHANICAL DIMENSION
( Top View )
BLOCK DIAGRAM
PIN#
Single
1
AC IN (N)
2
AC IN (L)
3
+DC OUT
4
-DC OUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com