Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-8201-1-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # S-8201-1-R
Description  1/4" x 11/4" Fuse Blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S-8201-1-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  S-8201-1-R Datasheet HTML 1Page - Cooper Bussmann, Inc. S-8201-1-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2007 Cooper Bussmann
St. Louis , MO 63178
www.cooperbussmann.com
1207
BU-SB07222
Page 2 of 2
Data Sheet 2101
This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice,
to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any
technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the
Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling,
can be reasonably expected to result in significant injury to the user.
Packaging Code
Catalog Number Prefix
Description
Blank
Varies with number of poles. Contact customer service.
BK/
Varies with number of poles. Contact customer service.
Ordering
• Specify packaging, product, and
option code
Bolt-in Mounting Example:
BK/S-8102-6-R
BK/ S-8
1
02
6 -R
1
23
4
5
7
Snap-in Mounting Example:
BK/S-8001-1-SNP-R
BK/ S-8
0
01 -1 - SNP -R
12
3
4
5
6
7
1. Packaging Code:
BK/
2. Series Number:
S-8
3. Type Terminal:
0 = Solder
1 = 3/16" quick connect
2 = 1/4" quick connect
3 = Screw
4. Terminal Angle:
01 = Straight (0°)
02 = 40° Angle
03 = Side*
5. Number of Poles:
(1 – 12)
1X = One pole, No Mounting Stud
6. Mounting Style:
SNP = Snap-in Mounting*
7. RoHS Compliant Version
-R
*Available only in single pole



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com