Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HKP-L Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HKP-L
Description  1??" x 1 1??" Fuse Holders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HKP-L Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HKP-L Datasheet HTML 1Page - Cooper Bussmann, Inc. HKP-L Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• For 1⁄4" x 1 1⁄4" (6.3 x 32mm) fuses
• Maximum panel thickness 5⁄16" (7.9mm) thick
• Bayonet-type knob
• Vibration resistant
• Military version is designated FHN26G1
• Standard plastic nut
• Optional metal nut
• Cap – 9435-1/2
• Neoprene washer – 9732
Agency Information
• UL Recognized: IZLT2, E14853
• CSA Component Acceptance:
Class 6225-01, File 47235
• CE (HKP, HKP-L, HKP-W, HKP-OO)
Ordering
• Specify packaging, product, and option code
• Optional metal nut, order seperately part number
BK/1A4806-2 (100 parts minimum)
Environmental Data
• Temperature rating (RTI): The mounting body for
all devices has a temperature rating of 150°C.
The knob for these devices are molded plastic
with a temperature rating of 150°C.
• Meets UL 94HB
• Terminal Strength: 5 pounds
• Torque: Mounting – 20 inch-pound
• Salt Spray (corrosion): Test condition B
HKP, HKP-L, and HKP-W
HKP-BBHH, HKP-HH, HKP-LW-HH
HKP-OO
Dimensions - in (mm)
Drawing Not to Scale
Component
Material
Terminal
Tin-Plated Brass
Body
Thermoset
Cap
Thermoset
Nut
Thermoplastic
0608
BU-SB07473
Page 1 of 2
Data Sheet 2106
1
⁄4" x 1 1⁄4" Fuse Holders
HKP Panel-Mount Series


Similar Part No. - HKP-L

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HKP-L EATON-HKP-L Datasheet
184Kb / 2P
Panel-mount fuse holders
HKP-LW-HH EATON-HKP-LW-HH Datasheet
184Kb / 2P
Panel-mount fuse holders
More results

Similar Description - HKP-L

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HTB-X2I COOPER-HTB-X2I Datasheet
339Kb / 2P
Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
HTB-X2I20 COOPER-HTB-X2I20 Datasheet
339Kb / 2P
Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
HRK COOPER-HRK Datasheet
152Kb / 1P
1/4??x 7/8??to 1 1/4??Universal In-Line Fuse Holders
HHB COOPER-HHB Datasheet
163Kb / 1P
1??? x 7??? to 1 1??? In-Line Fuse Holders
HFB COOPER-HFB Datasheet
107Kb / 1P
1/4" x 1-1/4" Fuse Holders
HHB-R COOPER-HHB-R Datasheet
163Kb / 1P
1/4 X 7/8" TO 1 1/4 In-Line Fuse Holders
logo
List of Unclassifed Man...
HKL ETC1-HKL Datasheet
563Kb / 1P
1/4" x 1 1/4" Panel-mount indicating fuse holder
logo
Eaton All Rights Reserv...
HFA EATON-HFA Datasheet
213Kb / 1P
1/4??x 1 1/4??in-line water-resistant fuse
HFB EATON-HFB Datasheet
377Kb / 1P
1/4??x 1 1/4??in-line waterproof fuse holder
HTB EATON-HTB Datasheet
341Kb / 2P
1/4 x 1 1/4 and 5 mm x 20 mm Panel-mount fuse holders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com