Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEX Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # HEX
Description  TRON짰 In-Line Fuseholders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HEX Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  HEX Datasheet HTML 1Page - Cooper Bussmann, Inc. HEX Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TRON® In-Line Fuseholders
HEX & HEY
Double-Pole for Class CC and ⁄‹Ω£™∑ ≈ 1⁄Ω™∑ Fuses
Series
Form No. HEX & HEY Series
Page 2 of 2
Data Sheet: 2126
Bussmann®
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Catalog and Specification Data
Breakaway Receptacles
Conductor Data
Catalog
Size
Symbol
Terminal Type
*Double
Pole
Copper Crimp
#12 to #8
1
•
•
-DRLC-A
#6
1
•
•
-DRLC-B
Copper Set-Screw
#12 to #3
1
•
•
-DRLC-J
#12 to #3
2
•
•
-DRYC
*Terminal illustration shows the end views of single-pole
receptacle and one pole only of the double pole recepta-
cles. Thus, for example, in the case of a double-pole,
set-screw type receptacle with terminals that accept two conductors, a total
of four conductors could be connected to the receptacle.
Breakaway Holders
HEX Series Catalog Symbol: HEX-AW,
HEX-AW-DRLC-A, HEX-AW-DRYC, and HEX-JW-DRYC.
HEY Series Catalog Symbol: HEY-AW-DRLC-A,
HEY-AW-DRYC, and HEY-AW-DRLC-B.
In-Line Fuseholders, Double Pole
Example:
A double-pole, in-line, breakaway holder for ⁄‹Ω£™∑ ≈ 1⁄Ω™∑
fuses, a single #12 solid copper wire, copper crimp, on the
load side. A single #10 stranded copper wire, copper crimp
on the line side. Insulating boots are required.
1. Choose HEY- Series.
2. Choose “A” from 1st page for load side.
3. Choose “W” for breakaway requirement.
4. Choose “DRLC-A” for two-pole breakaway receptacle on
line side.
Complete Catalog Number: HEY-AW-DRLC-A
Insulating boots come with this catalog number.
Recommended Torque on Coupling Nut: 10-20 in-lb.
Ordering Information:
Load
Line
Terminal
Terminal
W
HEX
HEY
7-16-03
N03082



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com