Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1020-2R5105-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # A1020-2R5105-R
Description  Supercapacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

A1020-2R5105-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  A1020-2R5105-R Datasheet HTML 1Page - Cooper Bussmann, Inc. A1020-2R5105-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Not
for
New
Designs
See
HV
Series,
Data
Sheet
4376
Description
Cooper Bussmann® PowerStor® supercapacitors
are unique, ultra-high capacitance devices utilizing
electrochemical double layer capacitor (EDLC) construction
combined with new, high performance materials. This
combination of advanced technologies allows Cooper Bussmann
to offer a wide variety of capacitor solutions tailored to specific
applications that range from a few micro-amps for several days
to several amps for milliseconds.
Supercapacitors
A Series
1207
BU-SB07352
Page 1 of 2
Data Sheet 4302
Cylindrical Device
Features & Benefits
• Very low ESR
• Low leakage current
• Long cycle life
• High useable capacity
• Very high specific capacitance also available (B Series)
Applications
• Pulse power
• Hold-up power
• DC/DC converters
• Hybrid battery packs
• Valve / solenoid actuation
Standard Products
Nominal
Part
Nominal ESR (
Ω)
Nominal Dimensions (mm)
Typical Mass
Capacitance
Number
(Equivalent Series Resistance)
(grams/1 piece)
(F)
Measured @ 1kHz
Diameter
Length
0.47
A0820-2R5474-R
0.150
8
20
1.8
1.0
A1020-2R5105-R
0.090
10
20.5
2.6
1.5
A1030-2R5155-R
0.060
10
30
3.8
4.7
A1635-2R5475-R
0.025
16
35
10.7
Specifications
Working Voltage
2.5V
Surge Voltage
3.0V
Nominal Capacitance Range
0.47 to 4.7F
Capacitance Tolerance
-20% to +80% (20°C)
Operating Temperature Range
-25°C to 70°C
Performance
Parameter
Capacitance Change
ESR
(% of initial measured value)
(% of initial specified value)
Life (1000 hrs @ 70°C @ 2.5Vdc)
< 30
< 300
Storage - Low and High Temperature
< 30
< 300
(1000 hrs @ -25°C and 70°C)


Similar Part No. - A1020-2R5105-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1020-2R5105-R ETC2-A1020-2R5105-R Datasheet
178Kb / 2P
Supercapacitors
logo
Eaton All Rights Reserv...
A1020-2R5105-R EATON-A1020-2R5105-R Datasheet
1Mb / 3P
A Supercapacitors Cylindrical cells
More results

Similar Description - A1020-2R5105-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
Supercapacitors
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
Supercapacitors
PHB-5R0V155-R COOPER-PHB-5R0V155-R Datasheet
239Kb / 2P
Supercapacitors
PA-5R0H474-R COOPER-PA-5R0H474-R Datasheet
245Kb / 2P
Supercapacitors
PB-5R0H105-R COOPER-PB-5R0H105-R Datasheet
254Kb / 2P
Supercapacitors
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
Supercapacitors
logo
Kemet Corporation
FM-SERIES KEMET-FM-SERIES Datasheet
560Kb / 17P
Supercapacitors
12/16/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com