Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032BTM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C032BTM
Description  LVDS Quad CMOS Differential Line Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C032BTM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90C032BTM Datasheet HTML 1Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 2Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 3Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 4Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 5Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 6Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 7Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 8Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +6V
Input Voltage (R
IN+,RIN−)
−0.3V to +5.8V
Enable Input Voltage
(EN, EN*)
−0.3V to (V
CC + 0.3V)
Output Voltage (R
OUT)
−0.3V to (V
CC + 0.3V)
Maximum Package Power Dissipation @ +25˚C
M Package
1025 mW
Derate M Package
8.2 mW/˚C above +25˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature Range
Soldering (4 sec.)
+260˚C
Maximum Junction
Temperature
+150˚C
ESD Rating (Note 7)
(HBM, 1.5 k
Ω, 100 pF)
≥ 2kV
(EIAJ, 0
Ω, 200 pF)
≥ 250V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage
(V
CC)
+4.5
+5.0
+5.5
V
Receiver Input
Voltage
GND
2.4
V
Operating Free Air Temperature (T
A)
DS90C032BT
−40
+25
+85
˚C
Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
TH
Differential Input High Threshold
V
CM = +1.2V
R
IN+,
R
IN−
+100
mV
V
TL
Differential Input Low Threshold
−100
mV
I
IN
Input Current
V
IN = +2.4V
V
CC = 5.5V or 0V
−10
±1
+10
µA
V
IN = 0V
−10
±1
+10
µA
V
OH
Output High Voltage
I
OH = −0.4 mA, VID = +200 mV
R
OUT
3.8
4.9
V
I
OH = −0.4 mA, Input terminated
3.8
4.9
V
V
OL
Output Low Voltage
I
OL = 2 mA, VID = −200 mV
0.07
0.3
V
I
OS
Output Short Circuit Current
Enabled, V
OUT = 0V (Note 8)
−15
−60
−100
mA
I
OZ
Output TRI-STATE Current
Disabled, V
OUT = 0V or VCC
−10
±1
+10
µA
V
IH
Input High Voltage
EN,
EN*
2.0
V
V
IL
Input Low Voltage
0.8
V
I
I
Input Current
−10
±1
+10
µA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.8
V
I
CC
No Load Supply Current
EN, EN* = V
CC or GND, Inputs Open
V
CC
3.5
10
mA
Receivers Enabled
EN, EN* = 2.4 or 0.5, Inputs Open
3.7
11
mA
I
CCZ
No Load Supply Current
Receivers Disabled
EN = GND, EN* = V
CC, Inputs Open
3.5
10
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com