Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USF21 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # USF21
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

USF21 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  USF21 Datasheet HTML 1Page - Diode Semiconductor Korea USF21 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
USF21 --- USF24
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
z
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME BASE FOR 10/20 ns/cm
FIG.6 -- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- PEAK FORWARD SURGE CURRENT
-1.0A
-0.25A
0
+0.5A
t rr
1c m
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
0
30
1
10
100
45
8.3ms Single Half
Sine-Wave
75
60
15
90
550
0.1
1.0
10
0 . 2
0 . 4
1 . 0
0.01
0 . 6
0 . 8
0
100
1 . 2
1 . 4
0.02
0.04
0.2
0.4
2.0
4.0
20
40
T J =2 5
P ul s e W idt h = 30 0
µ s
.0 1
.1
1
100
20
40
100
60
80
0
10
T J =1 0 0
120
T J =1 5 0
T J =2 5
140
1
2
4
6
10
20
40
60
100
0.1
0.2
0.4
1
2
4
10
40
100
20
TJ=25
f=1.0MHZ
0
25
50
75
10 0
12 5
15 0
17 5
0
1
3
2
S ingle P hase
H alf W a ve 60H Z
R esistive or
Inductive Load
0.375"(9 .5m m )Lead Length
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com