Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USF1010F Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # USF1010F
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

USF1010F Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  USF1010F Datasheet HTML 1Page - Diode Semiconductor Korea USF1010F Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.6
.4
.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.2 -- TYP ICAL FORW ARD CHARACTERIS TIC
FIG.3 -- FORW ARD DERATING CURV E
z
FIG.4 -- TYP ICAL JUNCTION CAP ACITANCE
FIG.5 -- P EAK FORW ARD S URGE CURRENT
CASE TE M P E RA TURE ,
NUM B E R OF CY CLE S A T 60Hz
RE V E RS E V OLTA GE ,V OLTS
USF1010F---USF1060F
FIG.1 -- TES T CIRCUIT DIAGRAM AND REV ERS E RECOV ERY TIM E CHARACTERIS TIC
S E T TIM E B A SE FOR 10 ns /c m
N OTES:1 .R ISE TIME = 7n s MAX.IN PU T IMPED AN C E = 1M
.2 2p F.
JJJJJ2.R ISE TIME =10 ns MAX.SOU R C E IMPED AN C E=5 0
.
INS TA NTA NE OUS FORW A RD V OLTA GE , V OLTS
t rr
-1 .0 A
-0 .2 5 A
0
+ 0 . 5 A
1c m
TJ=25
1
2
4
6
10
20
40
60
100
200
0.1 0.2
0.4
1
2
4
10
40
100
20
USF1030F-USF1060F
USF1010F-USF1020F
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
2.0
4.0
0
25
50
75
100
125
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0
175
6.0
8.0
10
12
0
50
150
1
10
100
75
5
8.3ms Single Half
Sine-Wave
50
125
100
25
175
Diode Semiconductor Korea
www.diode.kr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com