Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL1203 Datasheet(PDF) 6 Page - STMicroelectronics

Part # BUL1203
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL1203 Datasheet(HTML) 6 Page - STMicroelectronics

  BUL1203 Datasheet HTML 1Page - STMicroelectronics BUL1203 Datasheet HTML 2Page - STMicroelectronics BUL1203 Datasheet HTML 3Page - STMicroelectronics BUL1203 Datasheet HTML 4Page - STMicroelectronics BUL1203 Datasheet HTML 5Page - STMicroelectronics BUL1203 Datasheet HTML 6Page - STMicroelectronics BUL1203 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.052
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10.00
10.40
0.394
0.409
L2
16.40
0.645
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.260
L9
3.50
3.93
0.137
0.154
M
2.60
0.102
DIA.
3.75
3.85
0.147
0.151
P011CI
TO-220 MECHANICAL DATA
BUL1203E
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com