Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBD Datasheet(PDF) 2 Page - Bi technologies

Part # RBD
Description  Analog Turns Counting Dial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

RBD Datasheet(HTML) 2 Page - Bi technologies

  RBD Datasheet HTML 1Page - Bi technologies RBD Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3-13
Model RB Series
0
1 0
9 0
0
1
9
1.08
27.4
Max.
62
° Max.
5
°± 2°
Max. Possible
Level Travel
1.812
±.016
46.03
±0.41
Dia.
Dia.
1.969
±.016
50.013
±0.41
Dia.
1.12
±.02
28.5
±0.5
RBB Only
RBB Only
RBB Only
1.02
25.9
Max.
Mounting Surface
Mounting Surface, RBB Only
Mounting Nut
(Not used on RBB)
(Not used on RBB)
(Not used on RBB)
Locating Washer
.625
±.005
15.9
±0.13
.594
±.016
15.09
±0.41
+.016
-.000
+0.41
-0.00
.437
11.1
Dia.
-.005
-.000
+0.13
-0.00
.125
3.18
Dia.
Panel Hole Dimensions
OUTLINE DIMENSIONS (Inch/mm)
mm
INCH
3
Specifications subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com