Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P271 Datasheet(PDF) 3 Page - Bi technologies

Part # P271
Description  27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P271 Datasheet(HTML) 3 Page - Bi technologies

  P271 Datasheet HTML 1Page - Bi technologies P271 Datasheet HTML 2Page - Bi technologies P271 Datasheet HTML 3Page - Bi technologies P271 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model P270/271/272
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
July 24, 2014
page 3 of 4
BI technologies
P270 (without Center Tap)
P271 (with Voltage Center Tap)
P272 (Dual Gang)
Model 270
.562
.031
M
L
.109
.016
.250
+.000
-.002
MIN
.125
1.050
.875
.031
.546
.015
.125
.018
.015
.078
.047
2x20
5
.394
.158
.512
()
1.4
3x
.057 x .088
SLOT
3/8-32 NEF-2A
THREAD
MARKING
PANEL LAYOUT
CIRCUIT DIAGRAM
OUTLINE DRAWING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com