Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P09xT Datasheet(PDF) 1 Page - Bi technologies

Part # P09xT
Description  9mm Rotary Potentiometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P09xT Datasheet(HTML) 1 Page - Bi technologies

  P09xT Datasheet HTML 1Page - Bi technologies P09xT Datasheet HTML 2Page - Bi technologies P09xT Datasheet HTML 3Page - Bi technologies P09xT Datasheet HTML 4Page - Bi technologies P09xT Datasheet HTML 5Page - Bi technologies P09xT Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Model P09x
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
November 10, 2014
page 1 of 6
BI technologies
9mm Rotary Potentiometer
Multi – Ganged
Conductive Plastic Element
100,000 Cycle Life
Metal shaft / Bushing
Switch / Push-Lock Option
RoHS Compliant
Concentric Shaft Option
Center Tap Option
MODEL STYLES
Side Adjust, PCB pins, up to 8 gangs
P09xN
Side Adjust, PCB pins, up to 8 gangs, with Switch
P09xS
Top Adjust, PCB pins, up to 2 gangs
P09x5N
Side Adjust, PCB pins, with Push-Lock, up to 2 gangs
P09xP
PCB pins, with Concentric Shaft
P09xC
PCB pins, with Center Tap
P09xT
ELECTRICAL1
Resistance Range, Ohms
1K-500K
Standard Resistance Tolerance
 20%
Residual Resistance
20 ohms max.
Input Voltage, maximum
50 Vac max.
Power rating, Watts
Taper B: 0.05W
Other Tapers: .025W
Dielectric Strength
300Vac, I minute
Insulation Resistance, Minimum
100M ohms at 250Vdc
Sliding Noise
100mV max.
Gang Error ( Multi-ganged )
-40dB – 0dB,
3dB
Switch Contact Resistance
< 100 milliohms
Switch Power Rated
3.0A at 16Vdc
1
Specifications subject to change without notice.


Similar Part No. - P09xT

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P09X BITECH-P09X Datasheet
532Kb / 5P
9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
logo
TT Electronics.
P09X TTELEC-P09X Datasheet
976Kb / 6P
Panel Potentiometer
P09X TTELEC-P09X Datasheet
829Kb / 10P
Panel Potentiometer
Rev - 04/2021
logo
Bi technologies
P09XN-FC20AR100K BITECH-P09XN-FC20AR100K Datasheet
532Kb / 5P
9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
P09XN-FC20BR100K BITECH-P09XN-FC20BR100K Datasheet
532Kb / 5P
9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
More results

Similar Description - P09xT

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
R12A11V01 PRODUCTWELL-R12A11V01_14 Datasheet
297Kb / 2P
ROTARY POTENTIOMETER
R12712BS1 PRODUCTWELL-R12712BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723BS1 PRODUCTWELL-R12723BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Tyco Electronics
DP09 MACOM-DP09 Datasheet
258Kb / 3P
9mm Rotary Encoder
logo
CTS Corporation
09VR CTS-09VR Datasheet
1Mb / 7P
9mm Panel Potentiometer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com