Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CZ Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS8406-CZ
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CZ Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS8406-CZ Datasheet HTML 24Page - Cirrus Logic CS8406-CZ Datasheet HTML 25Page - Cirrus Logic CS8406-CZ Datasheet HTML 26Page - Cirrus Logic CS8406-CZ Datasheet HTML 27Page - Cirrus Logic CS8406-CZ Datasheet HTML 28Page - Cirrus Logic CS8406-CZ Datasheet HTML 29Page - Cirrus Logic CS8406-CZ Datasheet HTML 30Page - Cirrus Logic CS8406-CZ Datasheet HTML 31Page - Cirrus Logic CS8406-CZ Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
CS8406
28
DS580F1
8.11
Interrupt 2 Mode MSB (0Dh) and Interrupt Mode 2 LSB (0Eh)
The two Interrupt Mode registers form a 2-bit code for each Interrupt Register 1 function. There are three ways to
set the INT pin active in accordance with the interrupt condition. In the Rising edge active mode, the INT pin be-
comes active on the arrival of the interrupt condition. In the Falling edge active mode, the INT pin becomes active
on the removal of the interrupt condition. In Level active mode, the INT interrupt pin becomes active during the in-
terrupt condition. Be aware that the active level (Active High or Low) only depends on the INT[1:0] bits. These reg-
isters default to 00.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
8.12
Channel Status Data Buffer Control (12h)
BSEL - Selects the data buffer register addresses to contain User data or Channel Status data
Default = ‘0’
0 - Data buffer address space contains Channel Status data
1 - Data buffer address space contains User data
Note:
There are separate complete buffers for the Channel Status and User bits. This control bit determines which
buffer appears in the address space.
EFTCI - E to F C-data buffer transfer inhibit bit.
Default = ‘0’
0 - Allow C-data E to F buffer transfers
1 - Inhibit C-data E to F buffer transfers
CAM - C-data buffer control port access mode bit
Default = ‘0’
0 - One byte mode
1 - Two byte mode
7
6
5
43210
0
0
0
0
0
EFTU1
0
0
0
0
0
0
0
EFTU0
0
0
7
6
5
43210
0
0
BSEL
0
0
EFTCI
CAM
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com