Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM53E Datasheet(PDF) 1 Page - Bi technologies

Part # HM53E
Description  High Temperature Through Hole Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM53E Datasheet(HTML) 1 Page - Bi technologies

  HM53E Datasheet HTML 1Page - Bi technologies HM53E Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image




















Part Number
Inductance(1)
Heating
Current(2)
(Adc)
Irated(3)
(Adc)
DCR (mΩ)
µH±15%
Typ.
Max.























































 
              


 

 








High Temperature
Through Hole Inductors
Model HM53E-2211
Make Possible
Magnetics
Features and Benefits
Operating Temperature Range -40°C to +220°C
Temperature Rise, Maximum 50°C
Operating Frequency Up to 200KHz
RoHS Compliant
Notes:
(1) Inductance is measured at 10 kHz, 0.1Vac without DC current.
(2)TheHeatingCurrentistheapproximateDCcurrentwhichcausesthecomponenttemperaturetoincreaseby40°C.Thiscurrentisdeterminedbysolderingthecomponentonatypicalapplication
PCB,andthenapplyingthecurrenttothedevicefor30minutes.
(3)Theratedcurrent(Irated)istheapproximatecurrentatwhichtheinductancewillbedecreasedby30%typicalfromitsinitial(zeroDC)value.
(4)Theparttemperature(ambient+temperaturerise)shouldnotexceed220°C.
Part Number
Inductance(1)
μH±15%
Heating
Current(2)
(Adc)
Irated(3)
(Adc)
DCR (mΩ)
Typ.
Max.
HM53E-2211100VLF
10.4
11.5
10.5
6.4
8.32
HM53E-2211160VLF
15.9
8.5
8.5
12.1
15.73
HM53E-2211210VLF
20.8
11.5
5.0
6.4
8.32
HM53E-2211260VLF
26.2
6.0
6.5
23.7
30.81
HM53E-2211320VLF
31.8
8.5
4.0
12.1
15.73
HM53E-2211360VLF
35.5
11.5
3.5
6.4
8.32
HM53E-2211530VLF
52.5
6.0
3.1
23.7
30.81
HM53E-2211540VLF
54.2
8.5
2.7
12.1
15.73
HM53E-2211900VLF
89.7
6.0
2.1
23.7
30.81
Specification @ 25°C
Outline Dimensions (mm)
Rev.01
General Note
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
www.ttelectronicsmagnetics.com


Similar Part No. - HM53E

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
High Temperature Through Hole Inductors
HM53E-2211100VLF TTELEC-HM53E-2211100VLF Datasheet
1Mb / 2P
High Temperature Through Hole Inductors
HM53E-2211160VLF TTELEC-HM53E-2211160VLF Datasheet
1Mb / 2P
High Temperature Through Hole Inductors
HM53E-2211210VLF TTELEC-HM53E-2211210VLF Datasheet
1Mb / 2P
High Temperature Through Hole Inductors
HM53E-2211260VLF TTELEC-HM53E-2211260VLF Datasheet
1Mb / 2P
High Temperature Through Hole Inductors
More results

Similar Description - HM53E

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
Through Hole Power Inductors
logo
Vishay Siliconix
IHXL-2000VZ-5A VISHAY-IHXL-2000VZ-5A Datasheet
138Kb / 3P
High Current Through Hole Inductor, High Temperature
14-Sep-17
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
High Temperature Through Hole Inductors
logo
Vishay Siliconix
IHXL-1500VZ-5A VISHAY-IHXL-1500VZ-5A Datasheet
292Kb / 5P
High Current Through-Hole Inductor, High Temperature
08-Oct-2020
IHXL-1500VZ-51 VISHAY-IHXL-1500VZ-51 Datasheet
291Kb / 5P
High Current Through-Hole Inductor, High Temperature
04-Sep-2020
IHTH-1500MZ-5A VISHAY-IHTH-1500MZ-5A Datasheet
216Kb / 4P
High Current Through-Hole Inductor, High Temperature
03-Dec-2021
IHXL-1500VZ-5A VISHAY-IHXL-1500VZ-5A_V01 Datasheet
275Kb / 5P
High Current Through-Hole Inductor, High Temperature
08-Oct-2020
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
Through-Hole Inductors
AUG-02-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com