Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C371I-110AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C371I-110AI
Description  UltraLogic 32-Macrocell Flash CPLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C371I-110AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C371I-110AI Datasheet HTML 1Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 2Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 3Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 4Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 5Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 6Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 7Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 8Page - Cypress Semiconductor CY7C371I-110AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
CY7C371i
Document #: 38-03032 Rev. *A
Page 2 of 12
Functional Description
Finally, the CY7C371i features a very simple timing model.
Unlike other high-density CPLD architectures, there are no
hidden speed delays such as fanout effects, interconnect
delays, or expander delays. Regardless of the number of
resources used or the type of application, the timing param-
eters on the CY7C371i remain the same.
Logic Block
The number of logic blocks distinguishes the members of the
FLASH370i family. The CY7C371i includes two logic blocks.
Each logic block is constructed of a product term array, a
product term allocator, and 16 macrocells.
Product Term Array
The product term array in the FLASH370i logic block includes
36 inputs from the PIM and outputs 86 product terms to the
product term allocator. The 36 inputs from the PIM are
available in both positive and negative polarity, making the
overall array size 72 x 86. This large array in each logic block
allows for very complex functions to be implemented in a
single pass through the device.
Product Term Allocator
The product term allocator is a dynamic, configurable resource
that shifts product terms to macrocells that require them. Any
number of product terms between 0 and 16 inclusive can be
assigned to any of the logic block macrocells (this is called
product term steering). Furthermore, product terms can be
shared among multiple macrocells. This means that product
terms that are common to more than one output can be imple-
mented in a single product term. Product term steering and
product term sharing help to increase the effective density of
the FLASH370i CPLDs. Note that product term allocation is
handled by software and is invisible to the user.
I/O Macrocell
Each of the macrocells on the CY7C371i has a separate
associated I/O pin. The input to the macrocell is the sum of
between 0 and 16 product terms from the product term
allocator. The macrocell includes a register that can be
optionally bypassed. It also has polarity control, and two global
clocks to trigger the register. The macrocell also features a
separate feedback path to the PIM so that the register can be
buried if the I/O pin is used as an input.
Programmable Interconnect Matrix
The Programmable Interconnect Matrix (PIM) connects the
two logic blocks on the CY7C371i to the inputs and to each
other. All inputs (including feedbacks) travel through the PIM.
There is no speed penalty incurred by signals traversing the
PIM.
Programming
For an overview of ISR programming, refer to the FLASH370i
Family data sheet and for ISR cable and software specifica-
tions, refer to ISR data sheets. For a detailed description of
ISR capabilities, refer to the Cypress application note, “An
Introduction to In System Reprogramming with FLASH370i.”
PCI Compliance
The FLASH370i family of CMOS CPLDs are fully compliant with
the PCI Local Bus Specification published by the PCI Special
Interest Group. The simple and predictable timing model of
FLASH370i ensures compliance with the PCI AC specifications
independent of the design. On the other hand, in CPLD and
FPGA architectures without simple and predictable timing, PCI
compliance is dependent upon routing and product term distri-
bution.
3.3V or 5.0V I/O Operation
The FLASH370i family can be configured to operate in both
3.3V and 5.0V systems. All devices have two sets of VCC pins:
one set, VCCINT, for internal operation and input buffers, and
another set, VCCIO, for I/O output drivers. VCCINT pins must
always be connected to a 5.0V power supply. However, the
VCCIO pins may be connected to either a 3.3V or 5.0V power
supply, depending on the output requirements. When VCCIO
pins are connected to a 5.0V source, the I/O voltage levels are
Pin Configurations
I/O27/SDI
I/O26
I/O25
I/O24
CLK1/I4
GND
I3
I2
I/O23
I/O22
I/O21
I/O5/SCLK
I/O6
I/O7
I0
ISREN
GND
CLK0/I1
I/O8
I/O9
I/O10
I/O11
6 53
4
2
8
9
7
10
11
1 44
18
15
16
14
13
12
17
19 20
22
21
23 24
27
26
28
25
31
30
29
32
33
34
39
37
38
36
35
43 42
40
41
I/O27/SDI
I/O26
I/O25
I/O24
CLK1/I4
GND
I3
I2
I/O23
I/O22
I/O21
I/O5/SCLK
I/O6
I/O7
I0
GND
CLK0/I1
I/O8
I/O9
I/O10
I/O11
8
9
7
10
11
3
4
2
5
6
1
18 19 20
22
21
13 14 15
17
16
12
31
30
29
32
33
26
25
24
27
28
23
44 43 42
40
41
39 38 37
35
36
34
PLCC
Top View
TQFP
Top View
ISREN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com