Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM01Z Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # EM01Z
Description  PLASTIC SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

EM01Z Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  EM01Z Datasheet HTML 1Page - Diode Semiconductor Korea EM01Z Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TJ=125
8.3ms Single Half
Sine-Wave
1
10
100
5
10
15
20
25
30
35
40
45
25
0
0
0.2
0.4
0.8
0.6
1.0
50
75
100
125
150
0.3
     TJ=150
0.01
0.001
0.1
1
10
40
0.5
0.7 0.9
1.1 1.3 1.5
1.7 1.9
2.1
     TJ=100
     TJ=60
     TJ=25
EM01Z(Z)---EM01A(Z)
AMBIENT TEMPERATURE,
FORWARD VOLTAGE,VOLTS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISTICS
FIG.3 -- FORWARD SURGE CURRENT
FIG.4--TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE VOLTS
.2
1
.1
2
4
.4
1.0
2
40
10
20
60
100
410
20
40
1 0
0
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com